Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6246CS6 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6246CS6
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6246CS6 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6246CS6 Datasheet HTML 12Page - Linear Technology LTC6246CS6 Datasheet HTML 13Page - Linear Technology LTC6246CS6 Datasheet HTML 14Page - Linear Technology LTC6246CS6 Datasheet HTML 15Page - Linear Technology LTC6246CS6 Datasheet HTML 16Page - Linear Technology LTC6246CS6 Datasheet HTML 17Page - Linear Technology LTC6246CS6 Datasheet HTML 18Page - Linear Technology LTC6246CS6 Datasheet HTML 19Page - Linear Technology LTC6246CS6 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
Figure 3. Single Supply 12-Bit ADC Driver
Typical applicaTions
12-Bit ADC Driver
Figure3showstheLTC6246drivinganLTC236612-bitA/D
converter. The low wideband noise of the LTC6246 main-
tains a 70dB SNR even without the use of an intermediate
antialiasing RC filter. On a single 3.3V supply with a 2.5V
reference, a full –1dBFS output can be obtained without
the amplifier transitioning between input regions, thus
minimizing crossover distortion. Figure 4 shows an FFT
obtained with a sampling rate of 2.2Msps and a 350kHz
input waveform. Spurious free dynamic range is a quite
handsome 82dB.
LTC6246
+
–
624678 F03
LTC2366
VREF
GND
VDD
3.3V 2.5V
CS
SDO
SCK
OVDD
3.3V
VIN
AIN
499
1%
499
1%
10pF
Figure 4. 350kHz FFT Showing 82dB SFDR
FREQUENCY (kHz)
0
0
–10
–30
–50
–70
–20
–40
–60
–80
–90
–100
–110
400
800
200
600
624678 F04
1000
fIN = 350.195kHz
fSAMP = 2.2Msps
SFDR = 82dB
SNR = 70dB
1024 POINT FFT
C3
0.1µF
LTC6246
–
+
624678 F05
3V
LT6003
–
+
3V
3V
3V
VOUT = VR + IPD • 1M
–3dB BW = 700kHz
ICC = 2.2mA
OUTPUT NOISE = 160µVRMS MEASURED ON A 1MHz BW
VOUT IS REFERRED TO VR
AT ZERO PHOTOCURRENT, VOUT = VR
VR
R1
1M, 1%
R3
1k
R2
1k
C2
6.8nF
FILM
OR NPO
Q1
NXP
BF862
PD1
OSRAM
SFH213
IPD
R5
20k
R4
10k
R6
10M
C1
0.1pF
R7
1k
C4
1µF
Low Noise Low Power DC-Accurate Single Supply
Photodiode Amplifier
Figure 5 shows the LTC6246 applied as a low power high
performance transimpedance amplifier for a photodiode.
A low noise JFET Q1 acts as a current buffer, with R2 and
R3 imposing a low frequency gain of approximately 1.
Transimpedance gain is set by feedback resistor R1 to
1MΩ. R4 and R5 set the LTC6246 inputs at 1V below
the 3V rail, with C3 reducing their noise contribution.
By feedback this 1V also appears across R2, setting the
JFET quiescent current at 1mA completely independent
of its pinchoff voltage and IDSS characteristics. It does
this by placing the JFETs 1mA VGS at the gate referenced
to the source, which is sitting 1V above ground. For this
JFET, that will typically be about 500mV, and this voltage
is imposed as a reverse voltage on the photodiode PD1.
At zero IPD photocurrent, the output sits at the same volt-
age and rises as photocurrent increases. As mentioned
before, R2 and R3 set the JFET gain to 1 at low frequency.
Figure 5. Low Noise Low Power DC Accurate
Single Supply Photodiode Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com