Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705CEVLQR Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC5705CEVLQR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CEVLQR Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5705CEVLQR Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5705CEVLQR Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5705CEVLQR Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5705CEVLQR Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5705CEVLQR Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5705CEVLQR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5705CEVLQR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5705CEVLQR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5705CEVLQR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
General description
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
Figure 1. MPC5607B block diagram
6 x
DSPI
FMPLL
Nexus 2+
Nexus
RAM
SIUL
Reset Control
96 KB
External
IMUX
GPIO &
JTAG
Pad Control
JTAG Port
Nexus Port
e200z0h
Interrupt requests
6 x
FlexCAN
Peripheral Bridge
Interrupt
Request
Interrupt
Request
I/O
Clocks
Instructions
Data
Voltage
Regulator
NMI
SWT
PIT
STM
NMI
SIUL
. . .
INTC
I2C
. . .
10 x
LINFlex
64 ch
29 ch 10-bit
CMU
SRAM
Flash
Code Flash
1.5 MB
DataFlash
64 KB
MC_PCU
MC_ME
MC_CGM
MC_RGM
BAM
CTU
RTC
SSCM
(Master)
(Master)
(Slave)
(Slave)
(Slave)
Controller
Controller
Legend:
ADC
Analog-to-Digital Converter
BAM
Boot Assist Module
CAN
Controller Area Network (FlexCAN)
CMU
Clock Monitor Unit
CTU
Cross Triggering Unit
DSPI
Deserial Serial Peripheral Interface
eMIOS
Enhanced Modular Input Output System
FMPLL
Frequency-Modulated Phase-Locked Loop
I2C
Inter-integrated Circuit Bus
IMUX
Internal Multiplexer
INTC
Interrupt Controller
JTAG
JTAG controller
LINFlex
Serial Communication Interface (LIN support)
MC_CGM Clock Generation Module
MC_ME
Mode Entry Module
MPU
Memory Protection Unit
Nexus
NexuS Development Interface (NDI) Level
NMI
Non-Maskable Interrupt
MC_PCU
Power Control Unit
MC_RGM Reset Generation Module
PIT
Periodic Interrupt Timer
RTC
Real-Time Clock
SIUL
System Integration Unit Lite
SRAM
Static Random-Access Memory
SSCM
System Status Configuration Module
STM
System Timer Module
SWT
Software Watchdog Timer
MPU
ECSM
from peripheral
Registers
blocks
ADC
eMIOS
eDMA
19 ch 10bit/12bit
ADC
(Master)
. . .
. . .
. . .
WKPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com