Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESDxS2UQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESDxS2UQ
Description  Double ESD protection diodes in SOT663 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDxS2UQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESDxS2UQ Datasheet HTML 5Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 6Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 7Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 8Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 9Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 10Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 11Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 12Page - NXP Semiconductors PESDxS2UQ Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PESDXS2UQ_SER_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 26 January 2010
9 of 13
NXP Semiconductors
PESDxS2UQ series
Double ESD protection diodes in SOT663 package
7.
Application information
The PESDxS2UQ series is designed for the protection of up to two unidirectional data
lines from the damage caused by ESD and surge pulses. The devices may be used on
lines where the signal polarities are below ground. The PESDxS2UQ series provides a
surge capability of up to 150 W (PPP) per line for an 8/20 μs waveform.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT)
and surge transients. The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. The path length between the device and the protected line should be minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and
ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
Fig 9.
Typical application: ESD protection of data lines
001aaa730
PESDxS2UQ
line 1 to be protected
unidirectional protection
of two lines
bidirectional protection
of one line
line 2 to be protected
ground
PESDxS2UQ
line 1 to be protected
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com