Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMT112R7AFP8C Datasheet(PDF) 34 Page - Hynix Semiconductor

Part # HMT112R7AFP8C
Description  DDR3 SDRAM Registered DIMM Based on 1Gb A version
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112R7AFP8C Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button HMT112R7AFP8C Datasheet HTML 30Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 31Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 32Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 33Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 34Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 35Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 36Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 37Page - Hynix Semiconductor HMT112R7AFP8C Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Rev. 0.4 / Jul. 2009
34
7.2 256Mx72 - HMT125R7AFP8C
6.3 256Mx72 - HMT125R7AFP4C
5.175
Detail B
Detail C
2.10 ± 0.15
47.00
71.00
2X3.00 ± 0.10
Front
1
4X3.00 ± 0.10
120
5.0
1
1
240
121
Back
133.35
128.95
SPD/TS
1.27 ± 010mm
Side
max
3.43mm max
1.00
0.80 ± 0.05
Detail of Contacts B
1.50 ± 0.10
Detail of Contacts C
0.3+0.1
5.00
2.50
3 ± 0.1
1.20 ± 0.15
Detail of Contacts A
Detail A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com