Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAM-5000L-TCP Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ADAM-5000L-TCP
Description  4-slot Ethernet-based Distributed DA&C System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5000L-TCP Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ADAM-5000L-TCP Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-5000L-TCP Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Power Terminal
Diagnostic LEDs
Ethernet Port
(Modbus/TCP)
Industrial
Connector
Plug-in Terminal
Node ID
Switch
Wallmounting Hole
Snap Lock
ADAM-5000L/TCP
ADAM-5000/TCP
Feature Details
Communication Network
With a 32-bit RISC CPU, ADAM-5000/TCP and ADAM-5000L/TCP greatly enhances
data processing performance and ability, especially in network communication. There
is a standard RJ-45 modular jack Ethernet port on the ADAM-5000/TCP and ADAM-
5000L/TCP's CPU board, and the field I/O modules are able to link to an Ethernet network
directly without any other converter or data gateway. The communication speed can be
auto-switched between 10 Mbps and 100 Mbps data transfer rates, depending on the
network environment. In addition, ADAM-5000/TCP and ADAM-5000L/TCP can be used
as an Ethernet data gateway. It provides an RS-485 interface to integrate serial devices
supporting the Modbus/RTU protocol.
Modbus/TCP Protocol
Modbus/TCP is one of the most popular standards used for industrial Ethernet networks.
Using this communication protocol, ADAM-5000/TCP and ADAM-5000L/TCP is easy
to integrate with any HMI software packages or user-developed applications which
support Modbus. Users do not have to prepare a specific driver for the ADAM-5000/TCP
and ADAM-5000L/TCP when they install the DA&C system with their own operating
application. It reduces required engineering efforts. Moreover, ADAM-5000/TCP and
ADAM-5000L/TCP works as a Modbus data server as well. It allows eight PCs or tasks
to access its current data simultaneously, no matter if they connect from LAN, an intranet,
or the Internet.
Hardware Capacity & Diagnostics
ADAM-5000/TCP and ADAM-5000L/TCP is designed with high I/O capacity and supports
all types of ADAM-5000 I/O modules. Providing 8/4 slots for any mixed modules, this
DA&C system handles up to 8/4 modules, providing 128/64 I/O points points (only
four ADAM-5024s allowed). Different from other main units, the ADAM-5000/TCP and
ADAM-5000L/TCP has not only higher I/O capacity, but also smarter diagnostics ability.
There are eight indicators on the front case of the CPU module. Users can read the
system status clearly, which includes power, CPU, Ethernet link, communication active,
communication rate, etc. In addition, there are also Tx and Rx LEDs on the Ethernet port,
indicating data sending and receiving.
Event Handling & Data Streaming
Though TCP/IP is the standard communication protocol for Ethernet, data transmission
management is still a bottleneck when many clients are on the network at the same time.
Therefore, the ADAM-5000/TCP and ADAM-5000L/TCP also supports the UDP protocol
to deal with regular data stream broadcasting and event/alarm triggering. These functions
will upgrade your system with intelligence and performance.
Isolated Communication
High speed transient suppressors isolate the ADAM-5000/TCP and ADAM-5000L/TCP
Ethernet port from dangerous voltage up to 1500 VDC power spikes and avoid surge
damage to the whole system.
DB9-M for
RS-485
DB9-F with
RS-232 for
Internal Use
DB9-F for RS-485



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com