Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PR1002 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # PR1002
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

PR1002 Datasheet(HTML) 2 Page - Compact Technology Corp.

  PR1002 Datasheet HTML 1Page - Compact Technology Corp. PR1002 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PR1001 thru PR1007
FIG . 1 - MAXIMUM TYPICAL FORWARD CURRENT
DERATING CURVE
FIG . 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG 3 . - TYPICAL FORWARD
CHARACTERISTICS
FIG . 4 - TYPICAL HUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
1.0
.75
.50
.25
0
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
0.375" (9.5 mm)
LEAD LENGTH
1
2
4
6 8 10
20
40 60 80 100
NUMBER OF CYCLES AT 60Hz
50
40
30
20
10
0
O
AMBIENT TEMPERATURE . ( C )
20
10
3.0
1.0
0.3
0.1
.03
.01
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
Pulse Width=300
s
1% Duty Cycle
O
Tj=25 C
1
2
4
6
10
20
40
60
100
100
60
40
20
10
REVERSE VOLTAGE . ( V )
FORWARD VOLTAGE . (V )
trr
1cm
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 2 )
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22pf
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
NONINDUCTIVE
PULSE
GENERATOR
( NOTE 2 )
-0.25A
0
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
8.3ms Single Half Sine
Wave JEDEC Method
RATING AND CHARACTERISTIC CURVES
Compact Technology
CTC0122 Ver. 2.0
2 of 2
PR1001 thru PR1007



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com