Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UF3003 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # UF3003
Description  ULTRA FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF3003 Datasheet(HTML) 2 Page - Compact Technology Corp.

  UF3003 Datasheet HTML 1Page - Compact Technology Corp. UF3003 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
2.0
0
50
1.0
3.0
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
50
100
150
200
Single Half-Sine-Wave
(JEDEC METHOD)
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
2.0
UF3001 to UF3004
UF3005 - UF3007
UF3004
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
1.0
0.1
100
100
10
1
4
1000
UF3005 to UF3007
UF3001 to UF3004
TJ = 25 C, f= 1MHz
UF3001 thru UF3007
CTC0110 Ver. 2.0
2 of 2
UF3001 thru UF3007



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com