Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAS202BBB Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAS202BBB
Description  PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BBB Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAS202BBB Datasheet HTML 4Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 5Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 6Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 9Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 10Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 11Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PixArt Imaging Inc.
PAS202BCB/PAS202BBB
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
Fig 4.2
Valid Data
4.2 Data Transfer Format
4.2.1 Master transmits data to slave (write cycle)
§
S : Start
§
A : Acknowledge by slave
§
P : Stop
§
RW : The LSB of 1
ST byte to decide whether current cycle is read or write cycle.
RW=1 read cycle, RW=0 write cycle.
§
SUBADDRESS : The address values of PAS202BCB/PAS202BBB internal control registers
(Please refer to PAS202BCB/PAS202BBB register description)
During write cycle, the master generates start condition and then places the 1
st byte data that are combined
slave address (7 bits) with a read/write control bit to SDA line. After slave(PAS202BCB/PAS202BBB) issues
acknowledgment, the master places 2
nd
byte (sub-address) data on SDA line. Again follow the
PAS202BCB/PAS202BBB acknowledgment, the master places the 8 bits data on SDA line and transmit to
PAS202BCB/PAS202BBB
control
register
(address
was
assigned
by
2
nd
byte).
After
PAS202BCB/PAS202BBB issue acknowledgment, the master can generate a stop condition to end of this
write cycle. In the condition of multi-byte write, the PAS202BCB/PAS202BBB sub-address is automatically
increment after each DATA byte transferred. The data and A cycles is repeat until last byte write. Every control
S
SLAVE ID (7 BIT)
RW
A
SUBADDRESS (8 BIT)
A
DATA
P
A
1ST BYTE
2ND BYTE
n BYTEs + A
MSB
LSB=0
A
DATA
DATA
STABLE
DATA
CHANGE
ALLOWED
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com