Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAW3603DH-NF Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # PAW3603DH-NF
Description  LOW POWER WIRELESS LASER MOUSE SENSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3603DH-NF Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button PAW3603DH-NF Datasheet HTML 17Page - Pixart Imaging Inc. PAW3603DH-NF Datasheet HTML 18Page - Pixart Imaging Inc. PAW3603DH-NF Datasheet HTML 19Page - Pixart Imaging Inc. PAW3603DH-NF Datasheet HTML 20Page - Pixart Imaging Inc. PAW3603DH-NF Datasheet HTML 21Page - Pixart Imaging Inc. PAW3603DH-NF Datasheet HTML 22Page - Pixart Imaging Inc. PAW3603DH-NF Datasheet HTML 23Page - Pixart Imaging Inc. PAW3603DH-NF Datasheet HTML 24Page - Pixart Imaging Inc. PAW3603DH-NF Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PixArt Imaging Inc.
PAW3603DH-NF
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
21
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Aug. 2007
9.2 1.8V Application Circuit
SWINT
+
C20
10uF
CPI1
R1_1
U3
PAW3603DH_NF
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
SWKINT
CPI
PD
VSS_LD
OSCIN
YB
VREF
VSSA
VSSD
SCLK
SDIO
VDDD
LD
OSCOUT
YA
VDD
VDDA
NC
U4
ELM9318
VOUT
SW
C16 100pF
R_KEY
RF_EN
Z1
C9
1uF
Resolution
ID_SY NC
R3
10ohm
SW2
C7
1uF
VCC_1.8V
C3
15pF
Q1
3904
OPEN
C8
0.1uF
1200 CPI
L_KEY
C13
100pF
VCC_1.8V
L_KEY
R1_4
*R14
SHORT
0R
SW3
*R13, *R14, *R15 => 0R
R1_5
VCC_1.8V
C23
1uF
X3
27MHz
BAT_PWR
Z1
X1
6MHz
3. VR1 is C3305 100ohm VR for JAY WEI INDUS.
RF_DATA
C21
0.1uF
*R15
SHORT
VR1
C3305-B100R
to use 1% precise resistor
R11
30K
C24
1uF
800 CPI
M_KEY
C17
33pF
R9
2K
CPI2
SHORT / OPEN
VCC_1.8V
SCLK
2. R1_1, R1_2, R1_3, R1_4, R1_5 are suggested
C26
47uF
Q2
3904
1600 CPI
#4.Sensor Circuit
SCLK
C12
100pF
Note:
SWINT
C6
0.1uF
PAW3603 CPI SETTING
M_KEY
R1_3
#3.RF TX Circuit
VCC_1.8V
Z2
R4
27K
C25
0.1uF
1. U4 are suggested to use +/- 2.5% high
C4
15pF
RF_DATA
OPEN
L2
220uH
SW1
#1. Battery Power Circuit
R_KEY
C19
15 pF
*R13
SHORT
accuracy DC/DC converter
R1_2
OPEN
C11
0.1uF
PD
C5
0.1uF
VCC_1.8V
C10
0.1uF
R5
36K
U2
8bits MCU
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
P52
P53
TCC
RESET
VSS
P60/INT
P61
P62
P63
P64
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
Z2
D2
LD
SDIO
SDIO
Q3
3904
ENSW1
ENCODER
Z2
Z1
COM
CORP
VCC_1.8V
RF_EN
CPI2
VCC_1.8V
R2
20K
ID_SYNC
CPI1
OPEN / SHORT
C18
15 pF
#2.MCU Circuit
PAW3603 USED
1.8V POWER
C15
10pF
OPEN
R6
56K
C27
100uF
R8
10K
C14
27pF
R7
100K
PD
S1
0R
VCC_1.8V
D3
1N5819
X2
13.5225MHz
Figure 18. Application Circuit for 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com