Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC701LP6C Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC701LP6C
Description  8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC701LP6C Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC701LP6C Datasheet HTML 1Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 2Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 3Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 4Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 5Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 6Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 7Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 8Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 3
Table 1. Electrical Specifications
Parameter
conditions / notes
Min
typ
Max
Units
Prescaler Characteristics
Max rf input frequency (3.3V)
8
9
Ghz
Max rf input frequency (2.7 - 3.3V)
7
8
Ghz
Min rf input frequency
0.1
Mhz
rf input Power
-10
-6
10
dBm
16-bit n-Divider range (integer)
32
65,535
16-bit n-Divider range (fractional)
fraction nominal Divide ratio varies
(-3 / +4) dynamically max
35
65,531
REF Input Characteristics
Max ref input frequency (pin XrefP)
180
200
Mhz
Max ref input frequency (pin Xsin)
200
220
Mhz
Max ref frequency with autocal
60
Mhz
Min ref input frequency
100
khz
ref input Voltage range (pin XrefP)
ac coupled
750
1000
3300
mVpp
ref input Power range (pin Xsin)
50 Ω source
-6
0
12
dBm
ref input capacitance
5
pf
14-Bit r-Divider range
1
16,383
HMC701LP6CE
v05.0110
8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
General Description
the hMc701LP6ce is a siGe BicMos fractional-n frequency synthesizer. the synthesizer includes a 8Ghz 16-bit
rf n-Divider, a 24-bit delta-sigma modulator, a very low noise digital phase frequency detector (PfD), and a precision
controlled charge pump. in addition the synthesizer supports an external step tuned Vco.
the fractional synthesizer features an advanced delta-sigma modulator design that allows ultra-fine frequency step
sizes. the synthesizer features the ability to alter both the phase-frequency detector (PfD) gain and the cycle slipping
characteristics of the PfD. this feature can reduce the time to arrive at the new frequency by 50% vs. conventional
PfDs. Ultra low in-close phase noise also allows wider loop bandwidths for faster frequency hopping.
the synthesizer contains a built-in linear sweeper function, which allows it to perform frequency chirps with a wide
variety of sweep times, polarities and dwells, all with an external or automatic sweep trigger.
a General Purpose output (GPo) bus supports the use of multiple Vcos. in addition the synthesizer has a number of
auxiliary clock generation modes that can be accessed via the GPo.
Electrical Specifications, TA = +25°C
Vcchf = VccPrs = rVDD = +3.3V
VPPcP = Vccoa = VDDPDr = VPPDrV = VDDPD = VDDPDV = +5V
DVDD = DVDDio = DVDDQ = +3.3V
GnDDrV = GnDcP = GnDPD = GnDPDV = GnDPDr = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com