Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G2RL-TP Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G2RL-TP
Description  PCB Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL-TP Datasheet(HTML) 2 Page - Omron Electronics LLC

  G2RL-TP Datasheet HTML 1Page - Omron Electronics LLC G2RL-TP Datasheet HTML 2Page - Omron Electronics LLC G2RL-TP Datasheet HTML 3Page - Omron Electronics LLC G2RL-TP Datasheet HTML 4Page - Omron Electronics LLC G2RL-TP Datasheet HTML 5Page - Omron Electronics LLC G2RL-TP Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
210
PCB Relay
G2RL-TP
■ Contact Ratings
Note: P level:
λ
60=0.1 x 10
-6 operations
■ Characteristics
Note: Values in the above table are the initial values.
■ Approved Standards
UL Recognized (File No. E41643) / CSA Certified (File No. LR31928)
VDE (EN61810-1): Pending
Contact material
Ag alloy (Cd free)
Load
Resistive load (cos
φ=1)
Rated load
16 A at 250 VAC
Rated carry current
16 A
Max. switching voltage
440 VAC
Max. switching current
16 A
Max. switching power
4,000 VA
Contact resistance
100 m
Ω max.
Operate time
15 ms max.
Release time
5 ms max.
Max. operating frequency
Mechanical:
18,000 operations/hr
Electrical:
900 operations/hr at rated load
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
5,000 VAC, 1 min between coil and contacts
1,000 VAC, 1 min between contacts of same polarity
Impulse withstand voltage
10 kV (1.2
× 50 μs) between coil and contact
Vibration resistance
Destruction:
10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Malfunction:
10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Destruction:
1,000 m/s2
Malfunction:
Energized:100 m/s2
Not energized:100 m/s2
Endurance
Mechanical:
20,000,000 operations min. (at 18,000 operations/hr)
Electrical:
50,000 operations min. (at 900 operations/hr)
Ambient temperature
–40 to 105
°C (with no icing)
Ambient humidity
5% to 85%
Weight
Approx. 12 g
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G2RL-1ATP
@-E
SPST-NO (High capacity) 12 to 24 VDC
16 A at 250 VAC (General use), 40
°C 100,000
16 A at 24 VDC (Resistive), 40
°C
50,000
16 A at 250 VAC (Resistive), 105
°C
100,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com