Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G3DZ Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3DZ
Description  Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3DZ Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3DZ Datasheet HTML 1Page - Omron Electronics LLC G3DZ Datasheet HTML 2Page - Omron Electronics LLC G3DZ Datasheet HTML 3Page - Omron Electronics LLC G3DZ Datasheet HTML 4Page - Omron Electronics LLC G3DZ Datasheet HTML 5Page - Omron Electronics LLC G3DZ Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Solid State Relay
G3DZ
369
Solid State Relay
G3DZ
SSR Identical to the G6D in Size with a
Maximum AC/DC Switching Current of 0.6 A
• Switching 0.6 A at 240 VAC or 100 VDC.
•10-μA current leakage max. between open output termi-
nals.
• 2,500-VAC dielectric strength ensured between input and
output terminals.
• Switching full- and half-wave rectified alternating currents.
• Approved by UL and CSA.
Ordering Information
To order: Select the part number and add the desired input voltage rating. (e.g., G3DZ-2R6PL DC5)
■ Accessories (Order Separately)
See Dimensions for details.
Specifications
■ Ratings
Input
Output
Contact form
Insulation
Zero cross
function
Indicator
Applicable
output load
Rated input
voltage
Model
SPST-NO
Photo-voltage coupler
No
No
0.6 A at
5 to 240 VAC
5 to 100 VDC
5 VDC
G3DZ-2R6PL
12 VDC
24 VDC
Connecting socket
P6D-04P
Rated voltage
Operating voltage
Input impedance
Voltage level
Must operate
Must release
5 VDC
4 to 6 VDC
830
Ω±20%
4 VDC max.
1 VDC min.
12 VDC
9.6 to 14.4 VDC
2 k
Ω±20%
9.6 VDC max.
24 VDC
19.2 to 28.8 VDC
4 k
Ω±20%
19.2 VDC max.
Rated voltage
Load voltage
Load current
Inrush current
5 to 240 VAC, 5 to 100 VDC
3 to 264 VAC, 3 to 125 VDC
100
μA to 0.6 A
6 A (ms)


Similar Part No. - G3DZ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3DZ-2R6PL OMRON-G3DZ-2R6PL Datasheet
3Mb / 15P
Terminal Relay
G3DZ-2R6PL OMRON-G3DZ-2R6PL Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G3DZ-2R6PL DC24 OMRON-G3DZ-2R6PL DC24 Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G3DZ-2R6PLDC24 OMRON-G3DZ-2R6PLDC24 Datasheet
417Kb / 14P
Relay Output Blocks
G3DZ-2R6PLDC24 OMRON-G3DZ-2R6PLDC24 Datasheet
417Kb / 14P
Relay Output Blocks
More results

Similar Description - G3DZ

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com