Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G8W-1A6T-F-R-DC12 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8W-1A6T-F-R-DC12
Description  Mini-280 Automotive Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8W-1A6T-F-R-DC12 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8W-1A6T-F-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8W-1A6T-F-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8W-1A6T-F-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC G8W-1A6T-F-R-DC12 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mini-280 Automotive Relay
G8W
1
Mini-280 Automotive Relay
G8W
General Purpose Automotive Power Relay
• Wide temperature range: -40
° C to 125° C.
• Standard ISO terminal footprint.
• Handles heavy automotive load; inrush current 100 A.
• High current path fully welded; reduces heat buildup at full
load.
• Made in North America.
Ordering Information
Specifications
■ Contact Data
■ Ratings
Note: 1. Coil resistance specified is without the suppression resistor.
2. In the interest of product improvement, specifications are subject to change without notice.
Terminal type
Contact form
Description
Model
Plug in 280
SPST-NO
Standard with resistor
G8W-1A7T-R-DC12
SPDT
Standard with resistor
G8W-1C7T-R-DC12
SPST-NO
Weatherproof with resistor
G8W-1A6T-R-DC12
SPDT
Weatherproof with resistor
G8W-1C6T-R-DC12
SPST-NO
Weatherproof with straight metal bracket with resistor
G8W-1A6T-F-R-DC12
SPDT
Weatherproof with straight metal bracket with resistor
G8W-1C6T-F-R-DC12
Max. resistive load
35 A/20 A (NO/NC)
Contact voltage drop (initial value @ 23
° C)
≤175 mV (NO)/ ≤100 mV (NC)
Max. inrush current
Inductive load: 100 A inrush/20 A break (NO)
Rated voltage
DC 12 V
Operating voltage
DC 10 to 16 V
Coil resistance (see note 1)
91
Ω ± 15%
Pick up voltage
8.0 at +23
° C
Drop-out voltage
1 V at 23
° C
Duty cycle at rated load (16 V at 80
° C)
Up to 100%
Operate time (at 23
° C)
20 ms @ 12 VDC
Release time (at 23
° C)
10 ms @ 12 VDC
Operating ambient temperature
-40
° C to +125° C
Mechanical life
1,000,000 operations min.
Electrical life (resistive load)
Min. 100,000 operations (14 V; 35 A)
Weight
Approx. 34 g


Similar Part No. - G8W-1A6T-F-R-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8W-1A6T-F-R OMRON-G8W-1A6T-F-R Datasheet
901Kb / 4P
Mini 280 terminal layout
More results

Similar Description - G8W-1A6T-F-R-DC12

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
American Zettler, Inc.
AZ984 AZETTLER-AZ984 Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
40 AMP 280-ISO AUTOMOTIVE RELAY
logo
OEN India Limited
761-5-1CNIL OENINDIA-761-5-1CNIL Datasheet
78Kb / 2P
MINI AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8VA OMRON-G8VA Datasheet
444Kb / 2P
Automotive low profile micro 280 terminal layout relay
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
micro 280 automotive relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
logo
OEN India Limited
OEN76 OENINDIA-OEN76 Datasheet
500Kb / 2P
MINI AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com