Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XR2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XR2
Description  IC Sockets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XR2 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XR2 Datasheet HTML 2Page - Omron Electronics LLC XR2 Datasheet HTML 3Page - Omron Electronics LLC XR2 Datasheet HTML 4Page - Omron Electronics LLC XR2 Datasheet HTML 5Page - Omron Electronics LLC XR2 Datasheet HTML 6Page - Omron Electronics LLC XR2 Datasheet HTML 7Page - Omron Electronics LLC XR2 Datasheet HTML 8Page - Omron Electronics LLC XR2 Datasheet HTML 9Page - Omron Electronics LLC XR2 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
116
IC Sockets
XR2
XR2C Single-row Sockets
■ Dimensions
■ Ordering Information
Appearance
No. of
contacts
With 0.25-
μm gold plating
With 0.75-
μm gold plating
With gold flash plating
Sockets with DIP terminals
10
XR2C-1011-N
—
—
16
XR2C-1611-N
—
—
20
XR2C-2011-N
XR2C-2001-N
XR2C-2021-N
32
XR2C-3211-N
XR2C-3201-N
XR2C-3221-N
Sockets with low-profile DIP terminals 20
XR2C-2015
XR2C-2005
XR2C-2025
32
XR2C-3215
XR2C-3205
XR2C-3225
Sockets with wrap terminals
20
—
XR2C-2002
—
32
—
XR2C-3202
—
0.51 dia.
1.33 dia.
0.79 dia.
0.64
× 0.64
Mounting holes (bottom view)
0.8
±0.05 dia. (DIP terminals)
1.0
±0.05 dia. (Wrap terminals
0.9
±0.05 dia. (Low-profile DIP
XR2C-
@@11-N
XR2C-
@@01-N
XR2C-
@@21-N
(With DIP terminals)
XR2C-
@@15
XR2C-
@@05
XR2C-
@@25
(With low-profile DIP terminals)
XR2C-
@@02
(With wrap terminals)
Dimensions
No. of
contacts
A (mm)
20
48.26
32
78.74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com