Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSIG25/06 Datasheet(PDF) 4 Page - Powersem GmbH

Part # PSIG25/06
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSIG25/06 Datasheet(HTML) 4 Page - Powersem GmbH

  PSIG25/06 Datasheet HTML 1Page - Powersem GmbH PSIG25/06 Datasheet HTML 2Page - Powersem GmbH PSIG25/06 Datasheet HTML 3Page - Powersem GmbH PSIG25/06 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PSIG PSI PSIS PSSI 25/06
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
© 2002 POWERSEM reserves the right to change limits, test conditions and dimensions
0
10
20
30
0
1
2
3
0
20
40
60
0
10
20
30
0,0
0,5
1,0
1,5
2,0
0
100
200
300
400
0,00001 0,0001 0,001
0,01
0,1
1
10
0,0001
0,001
0,01
0,1
1
10
0
20
40
60
80
100
120
0,0
0,2
0,4
0,6
0,8
0
100
200
300
400
0
20
40
60
80
100
120
0,0
0,5
1,0
1,5
2,0
0
15
30
45
60
single pulse
V
CE = 300V
V
GE = ±15V
R
G = 68Ω
T
VJ = 125°C
V
CE = 300V
V
GE = ±15V
I
C
= 15A
T
VJ = 125°C
0
100
200
300
400
500
600
700
0
10
20
30
40
R
G = 68 Ω
T
VJ = 125°C
V
CE = 300V
V
GE = ±15V
R
G = 68Ω
T
VJ = 125°C
E
on
V
CE = 300V
V
GE = ±15V
I
C
= 15A
T
VJ = 125°C
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
E
off
t
t
R
G
Ω
R
G
Ω
V
s
mJ
mJ
E
off
ns
t
ns
t
K/W
Z
thJC
IGBT
V
A
mJ
ns
ns
mJ
14T60
14T60
14T60
14T60
14T60
diode
VDI...25-06P1
Fig. 7 Typ. turn on energy and switching
Fig. 8
Typ. turn off energy and switching
times versus collector current times
versus collector current
Fig. 9 Typ. turn on energy and switching
Fig. 10 Typ. turn off energy and switching
times versus gate resistor times
versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance RBSOA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com