Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSV08WALN Datasheet(PDF) 13 Page - Bright View Electronic Co., LTD.

Part # BSV08WALN
Description  SIDE VIEW LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BSV08WALN Datasheet(HTML) 13 Page - Bright View Electronic Co., LTD.

Back Button BSV08WALN Datasheet HTML 5Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 6Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 7Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 8Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 9Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 10Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 11Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 12Page - Bright View Electronic Co., LTD. BSV08WALN Datasheet HTML 13Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
(6) ESD ( eletrostatic discharge ) protection ( base on machine mode )
*
The product is Gallium Nitride ( GaN ) based light emitting diode ( LED ) and is extremely
sensitive to ESD. Users are strongly recommended to take necessary meter to test the
static electricty and avoid ESD when handling this product.
*
Proper grounding of machines ( via 1MΩ ), using static disspative mats, containers, working
uniforms and shoes are considered to be effective against ESD.
*
An ionizer is recommended in the facility or environment where ESD may be generated
easily, and soldering iron with a grounded tip is also recommended.
*
When inspecting the final products in which LEDs are assembled, it is recommended
to check whether the assembled LEDs are damaged by ESD or not. It is simple to find
damaged LEDs by light-on or VF test at lower current ( below 1mA is recommended ).
*
ESD damaged LEDs will show some unusual characteristics such as the remarkable
increasing of leak current, the decreasing of forward voltage, or the LEDs do not light on
at the low current.
(7) Other
*
Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the LEDs with matrix drive.
*
The LED light output is strong enough to injure human eyes. Precaution must be taken to
prevent looking directly at the LEDs with unaided eyes for more than a few seconds.
*
The LEDs described here are intended to be used for ordinary electronic equipment, please
consult Bright View's sales department in advance for information on applications.
*
Installing a protection device in the LED driving circuit to avoid surge current exceeding the
max rating during on/off switching.
*
The appearance and specifications of the product may be modified for improvement
without notice.
*
Please use the product within 168 hours after opening the seal and keep under 30 ℃
and 70% humidity.
*
Bright View will not be responsible for any claim for damage if the user use the product
without following the caution or instruction of the specification.
BSV08WALN
Bright View Electronics
Date:2008/02/18
Page: 12 of 12
Version A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com