Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BVM-S405RGB2S Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVM-S405RGB2S
Description  RGB STRIP LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVM-S405RGB2S Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVM-S405RGB2S Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVM-S405RGB2S Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVM-S405RGB2S Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVM-S405RGB2S Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVM-S405RGB2S Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
Operating Voltage
Operating Voltage(max.)
Power Dissipation
Luminous Intensity Matching Ratio
Operating Temperature Range
Storage Temperature Range
ELECTRICAL / OPTICAL CHARACTERISTICS Ta = 25
λ
p
Peak Emission Wavelength
nm
λ
d
Dominant Wavelength
nm
2θ1/2 Viewing Angle
Deg
I
Operating Current(Typ.)
mA
Φ
Luminous Flux(Typ.)
lm
*measurement uncertainty of the illuminance:±15%
SMD LED Dominant Wavelengh for BIN Code / nm
PARAMETER
1.5:1
30
to
65
30
to
85
BVM-S405RGB2S
AH
8.8W
12V
13V
Red
Range
614~618
618~622
622~626
Green
Bright View Electronics
RGB STRIP LIGHT
BVM-S405RGB2S
UNIT
Bin Code
AF
AG
BVM-S405RGB2S
PARAMETER
SYMBOL
AI
AJ
626~630
630~634
PJ
PK
527~530
Bin Code
PG
PH
PI
Range
518~521
521~524
524~527
465~470
470~475
475~480
530~533
BN
BO
BP
Blue
635
467
460~465
BLUE
Bin Code
BL
BM
Range
455~460
518
525
110
Red
Green
62
110
92
475
110
18
625
180
180
180
Data
2006/2/16
Page
3 of 5
PRELMNARY-1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com