Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTP4A60S Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTP4A60S
Description  NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTP4A60S Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTP4A60S Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTP4A60S Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTP4A60S Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTP4A60S Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE) 
█ Features
* Repetitive Peak Off-State Voltage: 600V
* R.M.S On-state Current(IT(RMS)=4A)
* High Commutation dv/dt  
   * Sensitive Gate Triggering 4 Mode 
█ General Description
The devices is sensitive gate triac suitable for direct coupling to
TTL,HTL,CMOS and application such as various logic functions,
low power AC switching applications, such as fan speed, small light
controllers and home appliance equipment. 
█ Absolute Maximum Ratings(T
a=25℃) 
 
                   
 
 
 
 
 
 
 
 
 
 
 
 
Tstg ——Storage Temperature ……………………………………………………………… -40~125℃ 
Tj ——Operating Junction Temperature …………………………………………………… -40~125℃ 
PGM ——Peak Gate Power Dissipation ……………………………………………………………1.5W
PG(AV) ——Average Gate Power Dissipation …………………………………………………… 0.1W
VDRM ——Repetitive Peak Off-State Voltage …………………………………………………… 600V
IT(RMS)——R.M.S On-State Current(Ta=95℃)………………………………………………… 4.0A
VGM ——Peak Gate Voltage ……………………………………………………………………… 7.0V
IGM ——Peak Gate Current ……………………………………………………………………… 1.0A
ITSM ——Surge On-State Current (One Cycle, 50/60Hz,Peak,Non-Repetitive) ……………… 30/33A
HTP4A60S


Similar Part No. - HTP4A60S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
4 Quadrants Sensitive TRIAC
More results

Similar Description - HTP4A60S

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTF4A60S HUASHAN-HTF4A60S Datasheet
178Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220F PACKAGE)
HTN4A60S HUASHAN-HTN4A60S Datasheet
181Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
HTP4A60 HUASHAN-HTP4A60 Datasheet
176Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP6A60 HUASHAN-HTP6A60 Datasheet
176Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP8A60 HUASHAN-HTP8A60 Datasheet
214Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP16A60 HUASHAN-HTP16A60 Datasheet
192Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP20A60 HUASHAN-HTP20A60 Datasheet
179Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTU4A60S HUASHAN-HTU4A60S Datasheet
169Kb / 4P
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-251 PACKAGE)
logo
SemiHow Co.,Ltd.
HTX4-600S SEMIHOW-HTX4-600S Datasheet
297Kb / 7P
NON INSULATED TYPE SENSITIVE GATE TRIAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com