Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT60N90JC3 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT60N90JC3
Description  Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT60N90JC3 Datasheet(HTML) 3 Page - Microsemi Corporation

  APT60N90JC3 Datasheet HTML 1Page - Microsemi Corporation APT60N90JC3 Datasheet HTML 2Page - Microsemi Corporation APT60N90JC3 Datasheet HTML 3Page - Microsemi Corporation APT60N90JC3 Datasheet HTML 4Page - Microsemi Corporation APT60N90JC3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Performance Curves
APT60N90JC3
0.6
0.7
0.8
0.9
1
1.1
1.2
-50 -25
0
25
50
75 100 125 150
0.70
0.75
0.10
0.85
0.90
0.95
1.0
1.05
1.10
1.15
1.20
-50 -25
0
25
50
75
100 125 150
0.8
0.9
1
1.1
1.2
1.3
20
40
60
80
100
0
10
20
30
40
50
60
70
25
50
75
100
125
150
0
50
100
150
200
250
0
1
2
3
4
5
6
7
8
V
GS = 20V
T
J= 25°C
T
J= -55°C
T
J= 125°C
V
GS, GATE-TO-SOURCE VOLTAGE (V)
FIGURE 3, Transfer Characteristics
T
C, CASE TEMPERATURE (C°)
FIGURE 5, Maximum Drain Current vs Case Temperature
I
D, DRAIN CURRENT (A)
FIGURE 4, R
DS(ON) vs Drain Current
T
J, Junction Temperature (°C)
FIGURE 6, Breakdown Voltage vs Temperature
T
C, Case Temperature (°C)
FIGURE 8, Threshold Voltage vs Temperature
0
0. 5
1
1. 5
2
2. 5
3
-50 -25
0
25
50
75
100 125 150
T
J, JUNCTION TEMPERATURE (C°)
FIGURE 7, On-Resistance vs Temperature
V
GS = 10V
V
DS> ID (ON) x RDS (ON)MAX.
250μSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
NORMALIZED TO
V
GS = 10V @ 47A
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 9, Maximum Safe Operating Area
0
25
50
75
100
125
0
5
10
15
20
25
30
6V
4V
10 &15V
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 2, Low Voltage Output Characteristics
4.5V
5.5V
5V
0.10
1
10
100
000
1
10
100
1000
1ms
100ms
DC line
100μs
10ms
10μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com