Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTC60AM24SCTG Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTC60AM24SCTG
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60AM24SCTG Datasheet(HTML) 3 Page - Microsemi Corporation

  APTC60AM24SCTG Datasheet HTML 1Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 2Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 3Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 4Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 5Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 6Page - Microsemi Corporation APTC60AM24SCTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APTC60AM24SCTG
www.microsemi.com
3 – 7
SiC parallel diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
200
800
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 175°C
400
4000
µA
IF
DC Forward Current
Tc = 100°C
40
A
Tj = 25°C
1.6
1.8
VF
Diode Forward Voltage
IF = 40A
Tj = 175°C
2.0
2.4
V
QC
Total Capacitive Charge
IF = 40A, VR = 300V
di/dt =1200A/µs
56
nC
f = 1MHz, VR = 200V
260
C
Total Capacitance
f = 1MHz, VR = 400V
200
pF
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
Transistor
0.27
Series diode
0.45
RthJC
Junction to Case Thermal Resistance
SiC Parallel diode
0.8
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
4000
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To Heatsink
M5
2.5
4.7
N.m
Wt
Package Weight
160
g
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
Ω
∆R25/R25
5
%
B25/85
T25 = 298.15 K
3952
K
∆B/B
TC=100°C
4
%
⎥
⎦
⎤
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
T: Thermistor temperature
RT: Thermistor value at T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com