Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F21322DNSP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F21322DNSP
Description  RENESAS MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21322DNSP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F21322DNSP Datasheet HTML 35Page - Renesas Technology Corp R5F21322DNSP Datasheet HTML 36Page - Renesas Technology Corp R5F21322DNSP Datasheet HTML 37Page - Renesas Technology Corp R5F21322DNSP Datasheet HTML 38Page - Renesas Technology Corp R5F21322DNSP Datasheet HTML 39Page - Renesas Technology Corp R5F21322DNSP Datasheet HTML 40Page - Renesas Technology Corp R5F21322DNSP Datasheet HTML 41Page - Renesas Technology Corp R5F21322DNSP Datasheet HTML 42Page - Renesas Technology Corp R5F21322DNSP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
R8C/32D Group
5. Electrical Characteristics
REJ03B0288-0100 Rev.1.00
Feb 26, 2010
Page 37 of 42
i = 0, 2
Figure 5.10
Serial Interface Timing Diagram when VCC = 3 V
Notes:
1. When selecting the digital filter by the INTi input filter select bit, use an INTi input HIGH width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
2. When selecting the digital filter by the INTi input filter select bit, use an INTi input LOW width of either (1/digital filter clock
frequency × 3) or the minimum value of standard, whichever is greater.
Figure 5.11
Input Timing for External Interrupt INTi and Key Input Interrupt KIi when Vcc = 3 V
Table 5.23
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
300
ns
tW(CKH)
CLKi input “H” width
150
ns
tW(CKL)
CLKi Input “L” width
150
ns
td(C-Q)
TXDi output delay time
80
ns
th(C-Q)
TXDi hold time
0
ns
tsu(D-C)
RXDi input setup time
70
ns
th(C-D)
RXDi input hold time
90
ns
Table 5.24
External Interrupt INTi (i = 0, 1, 3) Input, Key Input Interrupt KIi (i = 0 to 3)
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INTi input “H” width, KIi input “H” width
380 (1)
ns
tW(INL)
INTi input “L” width, KIi input “L” width
380 (2)
ns
tW(CKH)
tC(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLKi
TXDi
RXDi
VCC = 3 V
i = 0, 2
tW(INL)
tW(INH)
VCC = 3 V
INTi input
(i = 0, 1, 3)
KIi input
(i = 0 to 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com