Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTM20DHM20T3G Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APTM20DHM20T3G
Description  Asymmetrical - Bridge MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM20DHM20T3G Datasheet(HTML) 7 Page - Microsemi Corporation

  APTM20DHM20T3G Datasheet HTML 1Page - Microsemi Corporation APTM20DHM20T3G Datasheet HTML 2Page - Microsemi Corporation APTM20DHM20T3G Datasheet HTML 3Page - Microsemi Corporation APTM20DHM20T3G Datasheet HTML 4Page - Microsemi Corporation APTM20DHM20T3G Datasheet HTML 5Page - Microsemi Corporation APTM20DHM20T3G Datasheet HTML 6Page - Microsemi Corporation APTM20DHM20T3G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
APTM20DHM20T3G
www.microsemi.com
7 – 7
Typical Diode Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
TJ=25°C
TJ=125°C
0
50
100
150
200
0.0
0.5
1.0
1.5
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
IRRM vs. Current Rate of Charge
50 A
100 A
130 A
0
10
20
30
40
50
0
200
400
600
800 1000 1200
-diF/dt (A/µs)
TJ=125°C
VR=133V
Trr vs. Current Rate of Charge
50 A
100 A
130 A
40
60
80
100
120
0
200
400
600
800 1000 1200
-diF/dt (A/µs)
TJ=125°C
VR=133V
QRR vs. Current Rate Charge
50 A
100 A
130 A
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
200
400
600
800 1000 1200
-diF/dt (A/µs)
TJ=125°C
VR=133V
Capacitance vs. Reverse Voltage
0
400
800
1200
1600
2000
2400
2800
3200
1
10
100
1000
VR, Reverse Voltage (V)
0
25
50
75
100
125
150
25
50
75
100
125
150
Case Temperature (°C)
Max. Average Forward Current vs. Case Temp.
Duty Cycle = 0.5
TJ=150°C
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com