Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GG71420 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GG71420
Description  ABSORPTIVE SPST SWITCH with TTL Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG71420 Datasheet(HTML) 2 Page - Microsemi Corporation

  GG71420 Datasheet HTML 1Page - Microsemi Corporation GG71420 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GG71420
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
ABSORPTIVE SPST SWITCH with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
GUARANTEED ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Frequency
Range
Ins. Loss (dB)
(Max)
Isolation (dB)
(Min)
VSWR
(Max)
SWITCHING
SPEED (uS)
(Max)
GG71420-01
0.5 - 4.0
1.7
55
1.5:1
1.0
GG71420-02
2.0 - 8.0
2.1
50
1.7:1
1.0
GG71420-03
4.0 - 12.4
2.4
45
1.8:1
1.0
GG71420-04
8.0 - 18.0
2.9
45
1.9:1
1.0
GG71420-05
2.0 - 18.0
2.9
45
2.0:1
1.0
Notes:
1.
RF Power Handling: 0.5W CW.
2.
Switching Speed is measured from the 50% point of the TTL pulse to the 90/10% of the
detected RF pulse with a 100 KHz maximum switching rate.
3.
Required D.C.Bias: +5V @75mA (max) and -8 to -15 volts @ 50mA (max)
4.
Logic: TTL “0" = loss; TTL “1" = isolation
5.
In the isolation state the switch is matched at J1 input only.
ENVIRONMENTAL
These units are designed to withstand the following
environmental conditions without damage.
ENVRONMENTAL CONDITIONS
TEST
MIL-PRF METHOD CONDITION
Internal Visual
883
2017
- -
Stabilization Bake
883
1008
B
Thermal Cycle
883
1010
B
Constant
Acceleration
883
2001
1 (Y1 Axis)
Burn In
883
1015
125 ºC
Humidity
202
103B
B
External Visual
883
2009
- -
OUTLINE 210059
NOTES
Notes:
1. All pins are .025 ±.001" dia., .100" (min) long.
2. Tolerances:
.xxx .010"
.xx .020"
3. Leads gold plated per MIL-G-45204, Type 3,
Grade A 50 µinch (min).
4. Case finish: Epoxy Paint, Grey #36231.
5. Other packaging available on special order.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com