Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX5516LL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5516LL
Description  InGaP HBT 2.4 - 2.5 GHz Power Amplifier Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5516LL Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5516LL Datasheet HTML 1Page - Microsemi Corporation LX5516LL Datasheet HTML 2Page - Microsemi Corporation LX5516LL Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LX5516
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
PRODUCTION DATA SHEET
InGaP HBT 2.4 - 2.5 GHz Power Amplifier Module
TM
®
Copyright © 2008
Rev 1.0, 2008-12-16
D E S C R I P T I O N
D E S C R I P T I O N
D E S C R I P T I O N
D E S C R I P T I O N
The LX5516 is a power amplifier
module
optimized
for
WLAN
applications
in
the
2.4-2.5GHz
frequency
range.
The
PAM
is
implemented as a two-stage monolithic
microwave integrated circuit (MMIC)
with on-chip active bias and 50
impedance matched at both input and
output.
The device is manufactured with an
InGaP/GaAs
Heterojunction
Bipolar
Transistor
(HBT)
IC
process
(MOCVD). With single low voltage
supply of 3.3V, it delivers 29dB power
gain between 2.4-2.5GHz, at a low
quiescent current of 80mA.
For 18dBm OFDM output power
(64QAM, 54Mbps), the PAM provides a
low EVM (Error-Vector Magnitude) of
2.5%, and consumes 130mA total DC
current.
The LX5516 is available in a 12-pin
2x2mm micro-lead package (MLPQ-
12L). The compact footprint, ultra low
profile, and thermal capability of the
MLP package make the LX5516 an
ideal
solution
for
high-gain
power
amplifier
requirements
for
IEEE
802.11b/g/n applications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
B L O C K D I A G R A M
B L O C K D I A G R A M
B L O C K D I A G R A M
B L O C K D I A G R A M
K E Y F E A T U R E S
K E Y F E A T U R E S
K E Y F E A T U R E S
K E Y F E A T U R E S
Advanced InGaP HBT
2.4-2.5GHz Operation
Single-Polarity 3.3V Supply
Quiescent Current ~80mA
Power Gain ~ 29 dB
Pout=~+18dBm for 2.5% EVM,
OFDM 64QAM/54Mbps
Total Current ~130mA for Pout=
+18dBm
50
Input/Output Matching
On-chip Output Power Detector
Small Footprint: 2x2mm
2
Ultra Low Profile:0.46mm
A P P L I C A T I O N S
A P P L I C A T I O N S
A P P L I C A T I O N S
A P P L I C A T I O N S
IEEE 802.11b/g/n
2 X 2
2 X 2
2 X 2
2 X 2 M M M L P P A C K A G E
M M M L P P A C K A G E
M M M L P P A C K A G E
M M M L P P A C K A G E
P A C K A G E O R D E R I N F O
P A C K A G E O R D E R I N F O
P A C K A G E O R D E R I N F O
P A C K A G E O R D E R I N F O
LL
Plastic MLPQ
12 pin 2x2mm
LX5516LL
Note: Available in Tape & Reel. Append the letters
“TR” to the part number. (i.e. LX5516LL-TR)
RF
Output
Vref
RF
Input
RF
Output
Vc
Det
Active Bias Network
Vcc
Input
Match
Output
Match
RF
RF
Output
Vref
RF
Input
RF
Output
Vc
Det
Active Bias Network
Active Bias Network
Vcc
Input
Match
Output
Match
RF


Similar Part No. - LX5516LL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510-LQ MICROSEMI-LX5510-LQ Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510BLQ MICROSEMI-LX5510BLQ Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
More results

Similar Description - LX5516LL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B Datasheet
178Kb / 6P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5518 MICROSEMI-LX5518 Datasheet
114Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510_05 Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com