Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL201 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # RL201
Description  SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

RL201 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  RL201 Datasheet HTML 1Page - Wing Shing Computer Components RL201 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
DO-15
PARAMETER
SYMBOL
RL201 RL202 RL203 RL204 RL205 RL206 RL207
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current at TA = 75℃
IO
2.0
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC Method)
IFSM
70
Amps
Maximum Instantaneous Forward Voltage at 2.0A DC
VF
1.1
Volts
@TA = 25℃
5.0
Maximum DC Reverse Current at
Rated DC Blocking Voltage TA = 25℃
@TA = 100℃
500
uAmps
Maximum
Full
Load
Reverse
Current
Full
Cycle
Average, .375* (9.5mm) lead length at TL = 75℃
IR
30
uAmps
Typical Junction Capacitance ( Note )
CJ
20
pF
Typical Thermal Resistance
RθJA
40
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
℃
MECHANICAL DATA
✶
Case: Molded plastic
✶
Epoxy: UL 94V-0 rate flame retardant
✶
Lead: MIL-STD-202E, Method 208 guaranteed
✶
Polarity: Color band denotes cathode end
✶
Mounting position: Any
✶
Weight: 0.38 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacity load, derate current by 20%
FEATURES
✶
Low cost
✶
Low leakage
✶
Low forward voltage drop
✶
High current capability
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
RL201 - RL207
SILICON RECTIFIER


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
logo
Bytes
RL201 BYTES-RL201 Datasheet
150Kb / 2P
2.0 AMP SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS200 PANJIT-PS200 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Wing Shing Computer Com...
1N5400 WINGS-1N5400 Datasheet
278Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
FR201 RECTRON-FR201 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Chenmko Enterprise Co. ...
2KBP005MPT CHENMKO-2KBP005MPT Datasheet
84Kb / 2P
SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 2.0 Amperes
logo
WILLAS ELECTRONIC CORP
FR201 WILLAS-FR201 Datasheet
250Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
HER201 RECTRON-HER201_11 Datasheet
218Kb / 7P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RL207-B RECTRON-RL207-B Datasheet
32Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FR204-B RECTRON-FR204-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
PACELEADER INDUSTRIAL
FR201 PACELEADER-FR201 Datasheet
495Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com