Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM2616 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2616
Description  12-bit Serial Input Voltage Output DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2616 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2616 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2616 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WM2616
Production Data Rev 1.0
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
2
PIN CONFIGURATION
1
2
3
4
NCS
DIN
SCLK
AGND
REFIN
FS
VDD
OUT
5
6
7
8
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
DIN
Digital input
Serial data input.
2
SCLK
Digital input
Serial clock input.
3
NCS
Digital input
Chip select. This pin is active low.
4
FS
Digital input
Frame synchronisation for serial input data.
5
AGND
Supply
Analogue ground.
6
REFIN
Analogue input
Voltage reference input.
7
OUT
Analogue output
DAC analogue output
8
VDD
Supply
Positive power supply.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible to
damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage of this
device.
CONDITION
MIN
MAX
Supply voltage, VDD to AGND
7V
Digital input voltage
-0.3V
VDD + 0.3V
Reference input voltage
-0.3V
VDD + 0.3V
Operating temperature range, TA
WM2616CD
WM2616ID
0
°C
-40
°C
70
°C
85
°C
Storage temperature
-65
°C
150
°C
Lead temperature 1.6mm (1/16 inch) soldering for 10 seconds
260
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDD
2.7
5.5
V
High-level digital input voltage
VIH
VDD = 2.7V to 5.5V
2
V
Low-level digital input voltage
VIL
VDD = 2.7V to 5.5V
0.8
V
Reference voltage to REFIN
VREF
See Note
VDD - 1.5
V
Load resistance
RL
2
10
k
Ω
Load capacitance
CL
100
pF
Serial clock rate
fSCLK
20
MHz
WM2616CD
0
70
°C
Operating free-air temperature
TA
WM2616ID
-40
85
°C
Note: Reference input voltages greater then VDD/2 will cause saturation for large DAC codes.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com