Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD3909TX Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD3909TX
Description  30A, 200nsec, 50-400 V Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD3909TX Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD3909TX Datasheet HTML 1Page - Solid States Devices, Inc SPD3909TX Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0114B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD39 __ __ __
└
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└ Pin Configuration
(See Table 1)
__ = Normal (Cathode
to Stud)
R = Reverse (Anode to
Stud)
│
│
│
│
│
│
│
│
│
└ Family/Voltage
09 = 50V
10 = 100V
11 = 200V
12 = 300V
13 = 400V
SPD3909
Thru
SPD3913
30A, 200nsec, 50-400 V
Fast Recovery Rectifier
Features:
•
Fast Recovery: 200nsec Maximum (100nsec
typ.)
3/
•
Low Reverse Leakage Current
•
Single Chip Construction
•
PIV to 400V, Higher Voltages Available
•
Hermetically Sealed Isolated Package
•
High Surge Rating
•
Replacement for 1N3909, 1N3910, 1N3911,
1N3912, and 1N3913
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings 4/
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SPD3909
SPD3910
SPD3911
SPD3912
SPD3913
VRRM
VRWM
VR
50
100
200
300
400
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
300
Amps
Operating & Storage Temperature
TOP
TSTG
-55 to +150
-65 to +175
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.2
ºC/W
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 500 mA, IR = 1 Amp, IRR = 250 mA.
4/ Unless Otherwise Specified, All Maximum Ratings/Electrical Characteristics @25°C.
DO-5:


Similar Part No. - SPD3909TX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3900 SSDI-SPD3900 Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
SPD3901 SSDI-SPD3901 Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
SPD3902 SSDI-SPD3902 Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
SPD3903 SSDI-SPD3903 Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
More results

Similar Description - SPD3909TX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER10A MCC-ER10A Datasheet
353Kb / 3P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER6A MCC-ER6A Datasheet
80Kb / 2P
6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
logo
Solid States Devices, I...
SDR3006HF SSDI-SDR3006HF Datasheet
166Kb / 2P
30A 35nsec 400 to 600 V Hyper Fast Rectifier
1N3909 SSDI-1N3909 Datasheet
101Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
logo
List of Unclassifed Man...
FEN30FP ETC2-FEN30FP Datasheet
316Kb / 4P
30A Super Fast Recovery Rectifier
logo
TAITRON Components Inco...
FEN30AP TAITRON-FEN30AP Datasheet
140Kb / 4P
30A Super Fast Recovery Rectifier
FEN30FP TAITRON-FEN30FP Datasheet
316Kb / 4P
30A Super Fast Recovery Rectifier
logo
Solid States Devices, I...
SPD3889 SSDI-SPD3889 Datasheet
163Kb / 2P
12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
logo
Micro Commercial Compon...
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com