Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM2618 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2618
Description  Dual 12-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2618 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2618 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2618 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Production Data
WM2618
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 October 2000
3
ELECTRICAL CHARACTERISTICS
Test Conditions:
RL = 10k
Ω, CL = 100pF. VDD = 5V
± 10%, V
REF = 2.048V and VDD = 3V
± 10%, V
REF = 1.024V over recommended operating
free-air temperature range (unless noted otherwise)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static DAC Specifications
Resolution
12
bits
Integral non-linearity
INL
See Note 1
±1.9
±4
LSB
Differential non-linearity
DNL
See Note 2
±0.5
±1
LSB
Zero code error
ZCE
See Note 3
3
±12
mV
Gain error
GE
See Note 4
0.1
±0.6
% FSR
D.c. power supply rejection ratio
DC PSRR
See Note 5
0.5
mV/V
Zero code error temperature coefficient
See Note 6
10
ppm/
°C
Gain error temperature coefficient
See Note 6
10
ppm/
°C
DAC Output Specifications
Output voltage range
0
VDD - 0.1
V
Output load regulation
2k
Ω to 10kΩ load
See Note 7
0.1
0.3
%
Power Supplies
Active supply current
IDD
No load, VIH = VDD, VIL = 0V
VDD = 5.5V, VREF = 2.048V Slow
VDD = 5.5V, VREF = 2.048V Fast
See Note 8
0.6
1.6
1.0
2.5
mA
mA
Power down supply current
No load,
all digital inputs 0V or VDD
0.01
µA
Dynamic DAC Specifications
Slew rate
AC code 128 to 4095, 10%-90%
Slow
Fast
See Note 9
0.3
2.4
0.5
3.0
V/
µs
V/
µs
Settling time
DAC code 128 to 4095
Slow
Fast
See Note 10
12.0
4.0
µs
µs
Glitch energy
Code 2047 to 2048
10
nV-s
Reference
Reference input resistance
RREFIN
10
M
Reference input capacitance
CREFIN
5pF
Reference feedthrough
VREF = 1VPP at 1kHz
+ 1.024V dc, DAC code 0
-60
dB
Reference input bandwidth
VREF = 0.2VPP + 1.024V dc
DAC code 2048
Slow
Fast
0.5
1.0
MHz
MHz
Digital Inputs
High level input current
IIH
Input voltage = VDD
1
µA
Low level input current
IIL
Input voltage = 0V
-1
µA
Input capacitance
CI
8pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com