Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM2623 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2623
Description  Low Power 8-bit Serial Input DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2623 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2623 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
WM2623
Low Power 8-bit Serial Input DAC
Production Data, October 2000, Rev 1.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data Datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
2000 Wolfson Microelectronics Ltd
.
FEATURES
• 8-bit voltage output DAC
• Single supply from 2.7V to 5.5V
• Very low power consumption (3V supply):
-
900
µW, slow mode
-
2.1mW, fast mode
-
3
µW, standby mode
• DNL ±0.2 LSB, INL ±0.5 LSB (max)
• Monotonic over Temperature
• DSP compatible serial interface
• Programmable settling time of 3µs or 9µs typical
• High impedance reference input buffer
APPLICATIONS
•
Digital Servo Control Loops
•
Industrial Process Control
•
Battery powered instruments and controls
•
Machine and motion control devices
•
Digital offset and gain adjustment
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2623CD
0° to 70°C
8-pin SOIC
WM2623ID
-40° to 85°C
8-pin SOIC
DESCRIPTION
The WM2623 is an 8-bit voltage output, resistor string digital-to-
analogue converter. It can operate with supply voltages
between 2.7V and 5.5V and can be powered down under
software control. Power down reduces current consumption to
less than 1
µA.
The device has been designed for glueless interface to industry
standard microprocessors and DSPs, including the TMS320
family. The WM2623 is programmed with a 16-bit serial word
including 4 control bits and 8 data bits.
Excellent performance is delivered with a typical DNL of
0.2LSBs. Monotonicity is
guaranteed over the operating
temperature
range.
The
settling
time
of
the
DAC
is
programmable to allow for optimisation of speed versus power
dissipation. The output stage is buffered by a rail-to-rail amplifier
with a gain of two, which features a Class AB output stage.
The reference voltage input features a high impedance buffer
which eliminates the need to keep the reference source
impedance low.
The WM2623 is
available in an
8-pin
SOIC
package.
Commercial (0
° to 70°C) and Industrial (-40° to 85°C)
temperature range variants are available.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
(7) OUT
8-BIT
DAC
LATCH
REF(6)
POWER-ON
RESET
DIN (1)
SCLK (2)
FS (4)
(5)
GND
VDD
(8)
POWERDOWN/
SPEED
CONTROL
2-BIT
CONTROL
LATCH
REFERENCE
INPUT BUFFER
WM2623
16-BIT
SHIFT
REGISTER
AND
CONTROL
LOGIC
data
X1
X2
DAC
OUTPUT
BUFFER
CSB (3)
AVDD = DVDD = 5V, VREF = 2.048V, Speed = Fast Mode, Load = 10kOhm/100pF
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
32
64
96
128
160
192
224
256
DIGITAL CODE


Similar Part No. - WM2623

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2625CD WOLFSON-WM2625CD Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2625ID WOLFSON-WM2625ID Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2626CD WOLFSON-WM2626CD Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
More results

Similar Description - WM2623

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
Low Power Dual 8-bit Serial Input DAC
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
logo
Analog Devices
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com