Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX2114ACSTR Datasheet(PDF) 13 Page - Microsemi Corporation

Part # NX2114ACSTR
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2114ACSTR Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button NX2114ACSTR Datasheet HTML 9Page - Microsemi Corporation NX2114ACSTR Datasheet HTML 10Page - Microsemi Corporation NX2114ACSTR Datasheet HTML 11Page - Microsemi Corporation NX2114ACSTR Datasheet HTML 12Page - Microsemi Corporation NX2114ACSTR Datasheet HTML 13Page - Microsemi Corporation NX2114ACSTR Datasheet HTML 14Page - Microsemi Corporation NX2114ACSTR Datasheet HTML 15Page - Microsemi Corporation NX2114ACSTR Datasheet HTML 16Page - Microsemi Corporation NX2114ACSTR Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
NX2114/2114A
13
Rev. 4.0
06/20/06
OSCO
12
3
in
ESR
m1
V2
FL
R +R
1
R=
V
R
gR
1.7V
2
30kHz 1.5uH1
=
12
20.5
1.9mA/V
10.2k +3.24k
3.24k
=4.23k
×π××
×
××
×π××
××
Ω
ΩΩ
×
Ω
Ω
Choose R
3 =4.53kΩ.
5. Calculate C
1 by setting compensator zero FZ
at 75% of the LC double pole.
1
3z
1
C =
2
RF
1
=
2
4.51k
0.75 3.5kHz
=13.3nF
×π ××
×π ×
Ω ××
Choose C
1=12nF.
6. Calculate C
2 by setting compensator pole
p
F
at half the swithing frequency.
2
3s
1
C =
p
RF
1
=
p
3.74k
300kHz
=235pF
××
×
Ω×
Choose C
2=220pF.
Output Voltage Calculation
Output voltage is set by reference voltage and
external voltage divider. The reference voltage is fixed
at 0.8V. The divider consists of two ratioed resistors
so that the output voltage applied at the Fb pin is 0.8V
when the output voltage is at the desired value. The
following equation and picture show the relationship
between
OUT
V
,
REF
V
and voltage divider..
2
REF
1
OUT
REF
RV
R=
V
-V
×
...(18)
where R2 is part of the compensator, and the
value of R1 value can be set by voltage divider.
Choose R2=10k
Ω, to set the output voltage at
1.6V, the result of R1 is 10k
Ω.
Vout
Vref
Fb
R2
R1
Voltage divider
Figure 13 - Voltage divider
In general, the minimum output load impedance
including the resistor divider should be less than 5k
Ω to
prevent overcharge the output voltage by leakage cur-
rent (e.g. Error Amplifier feedback pin bias current). A
minimum load for 5k
Ω less (<1/16w for most of applica-
tion) is recommended to put at the output. For example,
in this application,
Vout=1.6V
The power loss is 1/16W less
LOAD
R
1.6V 1.6V /(1/16W)
40
=
×
=Ω
Select minimum load, 1k
Ω should be good enough.
Input Capacitor Selection
Input capacitors are usually a mix of high frequency
ceramic capacitors and bulk capacitors. Ceramic ca-
pacitors bypass the high frequency noise, and bulk ca-
pacitors supply current to the MOSFETs. Usually 1uF
ceramic capacitor is chosen to decouple the high fre-
quency noise. The bulk input capacitors are decided by
voltage rating and RMS current rating. The RMS current
in the input capacitors can be calculated as:
RMS
OUT
OUT
IN
I
I
D
1-D
V
D
V
=
××
=
...(19)
VIN = 5V, VOUT=1.6V, IOUT=6A, using equation
(19), the result of input RMS current is 2.80A.
For higher efficiency, low ESR capacitors are rec-
ommended. One Sanyo TPD series POSCAP 6TPD220M
6V 220uF with 12m
Ω is chosen as input bulk capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com