Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX2124CSTR Datasheet(PDF) 14 Page - Microsemi Corporation

Part # NX2124CSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2124CSTR Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button NX2124CSTR Datasheet HTML 9Page - Microsemi Corporation NX2124CSTR Datasheet HTML 10Page - Microsemi Corporation NX2124CSTR Datasheet HTML 11Page - Microsemi Corporation NX2124CSTR Datasheet HTML 12Page - Microsemi Corporation NX2124CSTR Datasheet HTML 13Page - Microsemi Corporation NX2124CSTR Datasheet HTML 14Page - Microsemi Corporation NX2124CSTR Datasheet HTML 15Page - Microsemi Corporation NX2124CSTR Datasheet HTML 16Page - Microsemi Corporation NX2124CSTR Datasheet HTML 17Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NX2124/2124A
14
Rev.1.8
02/28/08
nected to the GND plane with multiple vias. One is not
enough. This is very important. The same applies to the
output capacitors and input capacitors.
6. Hdrv and Ldrv pins should be as close to
MOSFET gate as possible. The gate traces should be
wide and short. A place for gate drv resistors is needed
to fine tune noise if needed.
7. Vcc capacitor, BST capacitor or any other by-
passing capacitor needs to be placed first around the IC
and as close as possible. The capacitor on comp to
GND or comp back to FB needs to be place as close to
the pin as well as resistor divider.
8. The output sense line which is sensing output
back to the resistor divider should not go through high
frequency signals.
9. All GNDs need to go directly thru via to GND plane.
10. The feedback part of the system should be kept
away from the inductor and other noise sources, and be
placed close to the IC.
11. In multilayer PCB, separate power ground and
analog ground. These two grounds must be connected
together on the PC board layout at a single point. The
goal is to localize the high current path to a separate loop
that does not interfere with the more sensitive analog con-
trol function.
Figure 9 - High output current application of 2124
+1.8V,20A
Vout
2 x 16SP180M
2 x (1500uF,13mohm)
3
6
7
4
8
2
1
5
Gnd
Ldrv
Hdrv
SW
Comp
Fb
BST
Vcc
C6
1uF
C5
1uF
Cin
Vin
+12V
D1 MBR0530T1
M1 IRF3706
M2
2 x IRF3706
L1 1uH
C2
15nF
Co
C4
0.1uF
R2
800
5k
R4
1k
R1
Vin
+5V
220pF
C1
L2 1uH
C3
33uF
M3
HI=SD
C7 4.7nF
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com