Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM2630CDT Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2630CDT
Description  Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2630CDT Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2630CDT Datasheet HTML 1Page - Wolfson Microelectronics plc WM2630CDT Datasheet HTML 2Page - Wolfson Microelectronics plc WM2630CDT Datasheet HTML 3Page - Wolfson Microelectronics plc WM2630CDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2630CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2630CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2630CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2630CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2630CDT Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
WM2630
Octal 12-bit, Serial Input, Voltage Output DAC
with Internal Reference
Production Data, February 2001, Rev 1.1
WOLFSON MICROELECTRONICS LTD
Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.co.uk
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
©2001 Wolfson Microelectronics Ltd
.
FEATURES
•
Eight 12-bit DACs in one package
•
Dual supply 2.7V to 5.5V operation
•
DNL
±0.5 LSBs, INL ±2.0 LSBs typ.
•
Programmable settling time / power
(1.0
µs typ. in fast mode)
•
Internal programmable Voltage Reference
•
Microcontroller compatible Serial Interface
•
Power Down Mode ( < 0.1
µA)
•
Monotonic over Temperature
•
Data Output for Daisy Chaining
APPLICATIONS
•
Battery powered test instruments
•
Digital offset and gain adjustment
•
Battery operated / remote industrial controls
•
Programmable Loop Controllers
•
CNC Machine Tools
•
Machine and motion control devices
•
Wireless telephone and communication systems
•
Robotics
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2630CDT
0
° to 70°C
20-pin TSSOP
WM2630IDT
-40
° to 85°C
20-pin TSSOP
DESCRIPTION
The WM2630 is an octal, 12-bit, resistor string digital-to-
analogue converter. The eight individual DACs contained in the
IC can be switched in pairs between fast and slow (low power)
operation modes, or powered down, under software control.
Alternatively, the whole device can be powered down, reducing
current consumption to less than 0.1
µA.
The DAC outputs are buffered by a rail-to-rail amplifier with a
gain of two, which is configurable as Class A (fast mode) or
Class AB (for low-power mode).
The WM2630 has been designed to interface directly to
industry standard microprocessors and DSPs, and can
operate on two separate analogue and digital power supplies. It
is programmed with a 16-bit serial word comprising 4 address
bits and up to 12 DAC or control register data bits. All eight
DACs can be simultaneously forced to a preset value using a
preset input pin.
A daisy-chain data output makes it possible to control several
of Wolfson’s octal DACs from the same interface, without
increasing the number of control lines.
The device is available in a 20-pin TSSOP package.
Commercial
temperature
(0°
to
70°C)
and
Industrial
temperature (-40° to 85°C) variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
LATCH
POWER/SPEED
CONTROL
RESISTOR
STRING
(12) OUT A
DAC A
DIN (2)
SCLK (3)
FS (4)
PREB (5)
1.024V / 2.048V
SELECTABLE
REFERENCE
DOUT (19)
REF
(16)
DACs B, C, D, E, F, G, H
as DAC A
(6-9, 13-15)
OUT B to H
REF
SERIAL
INTERFACE
AND
CONTROL
LOGIC
MODE (17)
AVDD
(11)
DVDD
(20)
AGND
(10)
DGND
(1)
LOADB
(18)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
512
1024
1536
2048
2560
3072
3584
4096
DIGITAL CODE


Similar Part No. - WM2630CDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631CDT WOLFSON-WM2631CDT Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2631IDT WOLFSON-WM2631IDT Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2632CDT WOLFSON-WM2632CDT Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
More results

Similar Description - WM2630CDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2631 WOLFSON-WM2631 Datasheet
131Kb / 13P
Octal 10-bit, Serial Input, Voltage Output DAC with Internal Reference
WM2632 WOLFSON-WM2632 Datasheet
122Kb / 13P
Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
WM2636 WOLFSON-WM2636 Datasheet
392Kb / 10P
12-bit Serial Input Voltage Output DAC with Internal Reference
WM2637 WOLFSON-WM2637 Datasheet
262Kb / 11P
Dual 10-Bit Serial Input Voltage Output DAC with Internal Reference
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
12-Bit Parallel Input Voltage Output DAC with Internal Reference
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com