Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD64001 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # PD64001
Description  1-Port PoE Manager
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button PD64001 Datasheet HTML 6Page - Microsemi Corporation PD64001 Datasheet HTML 7Page - Microsemi Corporation PD64001 Datasheet HTML 8Page - Microsemi Corporation PD64001 Datasheet HTML 9Page - Microsemi Corporation PD64001 Datasheet HTML 10Page - Microsemi Corporation PD64001 Datasheet HTML 11Page - Microsemi Corporation PD64001 Datasheet HTML 12Page - Microsemi Corporation PD64001 Datasheet HTML 13Page - Microsemi Corporation PD64001 Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
P
PD
D6644000011//H
H 11--P
Poorrtt P
PooE
E M
Maannaaggeerr D
Daattaasshheeeett
C
C O
O M
M P
P A
A N
N Y
Y
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Copyright © 2009
Microsemi
Rev. 1.3 2009-02-23
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
12
Bill of Materials for a PoE System__________________________
Block
QTY
Reference
Description
PCB
Footp
rint
Manufac
turer
Manufacturer's
Part Number
2
C1,C10
CAP CRM 1nF 50v 10% X7R 0603 SMT
PD-0603
EPCOS
B37931-K5102-K60
3
C3,C8,C19
CAP CRM 100nF 16V 10% X7R 0603
SMT
PD-0603
EPCOS
B37931K9104K60
1
C4
CAP CRM 100nF 50V 10% X7R 0805
SMT
PD-0805
Samsung
CL21B104KBAC
1
C5
CAP CRM 3.3nF 16V 10% X7R 0603
SMT
PD-0603
TDK
C1608X7R1C332K
1
C12
CAP CRM 100nF 100V 10% X7R 1206
SMT
PD-1206
Samsung
CL31B104KCFNNN
E
1
C14
CAP CRM 470pF 50v 10% X7R 0603
SMT
PD-0603
EPCOS
B37931-K5471-K60
1
C15
CAP CRM 2.2uF 10V 10% X7R 0805
SMT
PD-0805
Samsung
CL21B225KPFNNN
C
1
C18
CAP CRM 22nF 25v 10% X7R 0603
SMT
PD-0603
Rohm
MCH185CN223KK
1
C21
CAP CRM 1uF 50V 10% X7R 1206 SMT
PD-1206
TDK
C3216X7R1H105K
2
D1,D3 (1)
DIODE 16V 1W 5% D041 Insert
DO-41
Microsemi
1N4745AP
1
D2
DIODE SCHOT 30V 200 mA SOT23
SMT
PD-SOT23
Infineon
BAT64
1
D5
DIODE REC 400V 1A SMA SMT
PD-SMA
Pan Jit
GS1G
4
Q1,Q2,Q5,Q
6
FET NCH 100V 0.15A 6R Logic Level
SOT23
PD-SOT23
Infineon
BSS123
1
Q4
FET NCH 100V 13A 0.12R DPAK SMT
PD-DPAK
Fairchild
FQD19N10
1
R1
RES 15.4K 62.5 mW 1% 0603 SMT
PD-0603
Samsung
RC1608F1542CS
3
R2,R4,R7
RES 10K 62.5 mW 1%0603 SMT
PD-0603
Rohm
MCR03EZHEFX100
2
2
R5,R6
RES 215K 0.125 W 0.5% 0805 SMT
PD-0805
Yageo
RT0805DRD07215K
1
R8
R mode
PD-0603
2
R9,R11
RES 2R 0.75 W 1% 2010 SMT
PD-2010
KOA
RK73H2HTTE2R00F
1
R12
RES 1K 62.5 mW 1%0603 SMT
PD-0603
Samsung
RC1608F1001CS
1
R13
RES 75K 125 mW 1%0805 SMT
PD-0805
Rohm
MCR10EZHEF7502
1
R15
RES 5.11K 62.5 mW 1%0603 SMT
PD-0603
Samsung
RC1608F5111CS
1
R16
RES 1.24K 62.5 mW 1%0603 SMT
PD-0603
ASJ
CR16-1241FL
2
R17,R23
RES 402K 125 mW 1%0805 SMT
PD-0805
Yageo
RC0805FRF07402K
1
R18
RES 51.1K 62.5 mW 1%0603 SMT
PD-0603
Samsung
RC1608F5112CS
1
R24
RES 4.87K 125 mW 1%0805 SMT
PD-0805
Samsung
RC2012F4871CS
2
R25,R26
RES 140K 1%125 mW 0805 SMT
PD-0805
Samsung
RC2012F1403CS
1
U1
IC VOLT REG 5V 0.1A 4% SO8 SMT
PD-SO8
ON Semi
MC78L05ABDR2G
1
U2 (2)
IC OP AMP DUAL SO8 SMT
PD-SO8
Fairchild
KA358ADTF_NL
1 port
Chips
et
Circui
try
1
U4
1-Port IEEE802.3at PoE PSE Manager
PD-
SOW20
Microsemi
PD64001/H
1. Select these diodes as specified in "5V Regulator" section on page 4.
2. This operational amplifier should be use for applications intend for ambient temperature range of 0
°C to
+70
°C.
For ambient temperature range of -25
°C to +85°C replace it with KA258ADTF_NL.
For ambient temperature range of -40
°C to +85°C replace it with TI's TLV342AID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com