Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM2639 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2639
Description  12-Bit Parallel Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2639 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2639 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2639 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Production Data
WM2639
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 July 1999
7
TYPICAL PERFORMANCE GRAPHS
5V = VDD, V
REF = External. 2.048V, Speed = Fast mode, Load = 10k/100pF
-3
-2
-1
0
1
2
3
0
512
1024
1536
2048
2559
3071
3583
4095
DIGITAL CODE
Figure 2 Integral Non-Linearity
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
3.5
4
ISINK - mA
Slow
Fast
VDD = 3V, VREF= Internal. 1V, Input Code = 0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
ISINK - mA
Slow
Fas)
VDD = 5V, V
REF = Int. 2V, Input Code = 0
Figure 3 Sink Current VDD = 3V
Figure 4 Sink Current VDD = 5V
2.035
2.0355
2.036
2.0365
2.037
2.0375
2.038
2.0385
2.039
2.0395
0
0.5
1
1.5
2
2.5
3
3.5
4
ISOURCE - mA
Slow
Fast
VDD = 3V, VREF = Int. 1V, Input Code = 4095
4.075
4.0755
4.076
4.0765
4.077
4.0775
4.078
4.0785
4.079
4.0795
0
0.5
1
1.5
2
2.5
3
3.5
4
ISOURCE - mA
Slow
Fast
VDD = 5V, VREF = Int. 2V, Input Code = 4095
Figure 5 Source Current VDD = 3V
Figure 6 Source Current VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com