Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8141 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8141
Description  12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8141 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8141 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8141 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
WM8141
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 October 2000
10
PARALLEL INTERFACE
STB
DNA
RNW
OP[11:4]
Hi-Z
Hi-Z
ADC DATA OUT
ADC DATA OUT
REG. DATA OUT
ADC DATA OUT
t
STB
t
ASU
t
AH
t
DSU
t
DH
t
STDO
t
STAO
t
ADLS
t
ADLH
t
ADHS
t
ADHH
t
OPD
t
OPZ
ADDRESS IN
DATA IN
Figure 5 Parallel Interface Diagram
Test Conditions
AVDD = DVDD1 = DVDD2 = 4.75 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 12MHz unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RNW low to OP[11:4] tri-state.
tOPZ
20
ns
Address set-up time to STB low
tASU
0ns
DNA low set-up time to STB low
tADLS
10
ns
Strobe low time
tSTB
50
ns
Address hold time from STB high
tAH
10
ns
DNA low hold time from STB high
tADLH
10
ns
Data set-up time to STB low
tDSU
0ns
DNA high set-up time to STB low
tADHS
10
ns
Data hold time from STB high
tDH
10
ns
Data high hold time from STB high
tADHH
10
ns
RNW high to OP[11:4] output
tOPD
35
ns
Data output propagation delay from STB
low
tSTDO
35
ns
ADC data out propagation delay from
STB high
tSTAO
35
ns
Note:
Parameters are measured at 50% of the rising/falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com