Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG1544J/883B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG1544J/883B
Description  LOW-VOLTAGE SUPERVISORY CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1544J/883B Datasheet(HTML) 3 Page - Microsemi Corporation

  SG1544J/883B Datasheet HTML 1Page - Microsemi Corporation SG1544J/883B Datasheet HTML 2Page - Microsemi Corporation SG1544J/883B Datasheet HTML 3Page - Microsemi Corporation SG1544J/883B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
The 100 ohm resistor limits the peak discharge current into the SG1544 while the external PNP transistor provides a high peak-current
discharge path for the delay capacitor.
FIGURE 1 - SURGE LIMIT CIRCUIT FOR LARGE DELAY CAPACITORS
SG1544
0
80
60
72
OFFSET/COMP pin open, V
CM = 0V
OFFSET/COMP pin open, V
CM = 0V
10
Ω from OFFSET/COMP pin to Gnd, T
J
= 25
°C
0
≤ V
CM ≤ 12V, VIN = 15V
OFFSET/COMP pin open, V
CM = 0V
I
L = 10mA
V
IND = 40V
A
V = 0dB, TJ = 25°C
V
OVERDRIVE = 100mV, TJ = 25°C
Input Voltage Range
Input Bias Current
Input Offset Voltage
CMRR
AVOL
Output Saturation
Output Leakage
Small Signal Bandwidth
Propagation Delay
0.3
0
100
70
80
0.2
.01
5
200
+V
IN = 5V, RG = 0, VO = 0
+V
IN = 15V, IO = 100mA
+V
IN = 40V, RL = 1KΩ
REM. ACT. pin = Gnd
REM. ACT pin open
RESET pin = Gnd, REM. ACT. = Gnd
RESET pin open, REM. ACT. = Gnd
R
L = 50Ω, TJ = 25°C, C D = 0
V
REM. ACT. = 0.4V
V
O.V. N.I. INPUT = 2.7V
Peak Output Current
Peak Output Voltage
Output Off Voltage
Remote Activate Current
Remote Activate Voltage
Reset Current
Reset Voltage
Output Current Rise Time
Prop. Delay from REM. ACT. Pin
Prop. Delay fom O.V. N.I. IN Pin
200
13
0
0.4
2
0.4
2
400
300
500
100
12
ELECTRICAL CHARACTERISTICS (continued)
2.45
2.40
200
Comparator Section
T
J = 25°C
Sense input = 0V
V
D = 0V
I
L = 10mA
V
IND = 40V
V
O.V. N.I. IN = 2.7V, VU.V. INV. IN = 2.3V, TJ = 25°C
C
D = 0
C
D = 1µF
Input Threshold (Note 5)
Input Hysteresis
Input Bias Current
Delay Saturation
Delay High Level
Delay Charging Current
Indicate Saturation
Indicate Leakage
Propagation Delay
Units
Test Conditions
Parameter
SCR Trigger Section
2.50
25
0.3
0.2
6
250
0.2
.01
400
10
V
IN
-3V
1.0
10
120
0.5
1.0
APPLICATION INFORMATION
SG1544/2544
SG3544
Min. Typ. Max. Min. Typ. Max.
2.55
2.60
1.0
0.5
8
300
0.5
1.0
2.40
2.35
200
2.50
25
0.3
0.2
6
250
0.2
0.1
400
10
2.60
2.65
1.0
0.5
8
300
0.5
1.0
V
V
mV
µA
V
V
µA
V
µA
ns
ms
mA
V
V
mA
V
mA
V
mA/
µs
ns
ns
400
0.1
0.8
6
0.8
6
200
13
0
0.4
2
0.4
2
400
300
500
100
12
400
0.1
0.8
6
0.8
6
Current Limit Section
0
70
60
72
0.3
0
100
70
80
0.2
.01
5
200
V
IN -3V
1.0
15
130
0.5
1.0
V
µA
mV
mV
dB
dB
V
µA
MHz
ns
Note 5. Input voltage rising on O.V. N.I. INPUT and falling on U.V. INV. INPUT.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com