Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG1626L/883B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG1626L/883B
Description  DUAL HIGH SPEED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1626L/883B Datasheet(HTML) 3 Page - Microsemi Corporation

  SG1626L/883B Datasheet HTML 1Page - Microsemi Corporation SG1626L/883B Datasheet HTML 2Page - Microsemi Corporation SG1626L/883B Datasheet HTML 3Page - Microsemi Corporation SG1626L/883B Datasheet HTML 4Page - Microsemi Corporation SG1626L/883B Datasheet HTML 5Page - Microsemi Corporation SG1626L/883B Datasheet HTML 6Page - Microsemi Corporation SG1626L/883B Datasheet HTML 7Page - Microsemi Corporation SG1626L/883B Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev 1.1a
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
SG1626/SG2626/SG3626
ELECTRICAL CHARACTERISTICS (continued)
C
L = 1000pF
(Note 5)
C
L = 2500pF
C
L = 1000pF
(Note 5)
C
L = 2500pF
C
L = 1000pF
(Note 5)
C
L = 2500pF
C
L = 1000pF
(Note 5)
C
L = 2500pF
C
L = 2500pF, Freq. = 200KHz
Duty Cycle = 50%
Dynamic Characteristics (Note 6)
Propagation Delay High-Low
(TPHL)
Propagation Delay Low-High
(TPLH)
Rise Time (TTLH)
Fall Time (TTHL)
Supply Current (I
CC)
(both outputs)
Min.
Typ. Max.
Min.
Typ. Max.
18
25
25
35
30
40
20
40
35
17
25
30
30
30
SG1626
T
A
=-55
°°°°°C to 125°°°°°C
Test Conditions (Figure 1)
Parameter
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS - FIGURE 1
FIGURE 4.
TRANSITION TIMES VS. AMBIENT TEMPERATURE
FIGURE 3.
PROPAGATION DELAY VS. SUPPLY VOLTAGE
FIGURE 2.
TRANSITION TIMES VS. SUPPLY VOLTAGE
CHARACTERISTIC CURVES
SG1626/2626/3626
T
A= 25°
°°°°C
Units
SG1626
ns
ns
ns
ns
ns
ns
ns
ns
mA
30
40
40
50
35
50
30
50
40
Note 5. These parameters, specified at 1000pF, although guaranteed over recommended operating conditions, are not 100% tested in produc-
tion.
Note 6. V
CC = 15V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com