Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG1844J/883B Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG1844J/883B
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1844J/883B Datasheet(HTML) 5 Page - Microsemi Corporation

  SG1844J/883B Datasheet HTML 1Page - Microsemi Corporation SG1844J/883B Datasheet HTML 2Page - Microsemi Corporation SG1844J/883B Datasheet HTML 3Page - Microsemi Corporation SG1844J/883B Datasheet HTML 4Page - Microsemi Corporation SG1844J/883B Datasheet HTML 5Page - Microsemi Corporation SG1844J/883B Datasheet HTML 6Page - Microsemi Corporation SG1844J/883B Datasheet HTML 7Page - Microsemi Corporation SG1844J/883B Datasheet HTML 8Page - Microsemi Corporation SG1844J/883B Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 2000
Rev. 1.6c
P RODUCTION D ATA S HEET
BLOCK DIAGRAM
* - VCC and VC are internally connected for 8-pin packages.
** - POWER GROUND and GROUND are internally connected for 8-pin packages.
OSCILLATOR
S
R
INTERNAL
BIAS
S / R
5V
REF
PWM
LATCH
CURRENT SENSE
COMPARATOR
1V
R
2R
ERROR AMP
UVLO
34V
GROUND**
V
CC*
R
T/CT
V
FB
T
COMP
CURRENT SENSE
POWER GROUND**
OUTPUT
V
C*
V
REF
5.0V
50mA
16V (1844)
8.4 (1845)
6V (1844)
0.8V (1845)
2.5V
V
REF
GOOD LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com