Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG1844L/DESC Datasheet(PDF) 10 Page - Microsemi Corporation

Part # SG1844L/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1844L/DESC Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button SG1844L/DESC Datasheet HTML 4Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 5Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 6Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 7Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 8Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 9Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 10Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 11Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
Copyright © 2000
Rev. 1.6c
10
P RODUCTION D ATA S HEET
APPLICA TION INFORMA TION
OSCILLATOR
The oscillator of the 1844/45 family of PWM's is programmed by
the external timing components (RT, CT) as shown in Figure 13.
FIGURE 12 — OSCILLATOR TIMING CIRCUIT
V
REF
R
T/CT
GND
R
T
C
T
FIGURE 13 — OSCILLATOR FREQUENCY vs. R
T FOR VARIOUS CT
100K
1K
100
10K
Oscillator Frequency - (Hz)
100K
1K
10K
1M
47nF
F
≈
where R
T ≥ 5kΩ
1.86
R
TCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com