Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG3546DM Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG3546DM
Description  3.3V UNDERVOLTAGE SENSING CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3546DM Datasheet(HTML) 2 Page - Microsemi Corporation

  SG3546DM Datasheet HTML 1Page - Microsemi Corporation SG3546DM Datasheet HTML 2Page - Microsemi Corporation SG3546DM Datasheet HTML 3Page - Microsemi Corporation SG3546DM Datasheet HTML 4Page - Microsemi Corporation SG3546DM Datasheet HTML 5Page - Microsemi Corporation SG3546DM Datasheet HTML 6Page - Microsemi Corporation SG3546DM Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3.3V U NDER VOL T A G E S ENSING C IRCUIT
SG3546
PRODUCT DA T ABOOK 1996/1997
Copyright © 1994
Rev. 1.3a 10/14
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Supply Voltage (V
IN) ............................................................................... -1V to 12V
RESET Output Voltage (V
OUT) .......................................................................... -1V to 12V
Clamp Diode Forward Current .............................................................................. 100mA
Operating Junction Temperature
Plastic (DM - Package) ......................................................................................... 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................ 300°C
PACKAGE PIN OUTS
RESET
INPUT
N.C.
GROUND
N.C.
N.C.
N.C.
N.C.
DM PACKAGE
(Top View)
Note 1. Values beyond which damage may occur. All voltages are specified with respect to
ground, and all currents are positive into the specified terminal.
DM PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165°C/W
LP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
156°C/W
Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
THERMAL DATA
BLOCK DIAGRAM
LP PACKAGE
(Top View)
3. GROUND
2. INPUT
1. RESET
1.2 V
REF
INPUT
RESET
GROUND
2
1
4
1
8
2
7
3
6
4
5
Peak Package Solder Reflow Temp. (40 second max. exposure).......................................260C (+0, -5)
RoHS / Pb-free 100% Matte Tin Lead Finish



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com