Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD2502 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # LD2502
Description  25A 10mm LUCAS TYPE PRESS-FIT DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

LD2502 Datasheet(HTML) 1 Page - Won-Top Electronics

  LD2502 Datasheet HTML 1Page - Won-Top Electronics LD2502 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LD2500 – LD2506
1 of 2
© 2002 Won-Top Electronics
LD2500 – LD2506
25A 10mm LUCAS TYPE PRESS-FIT DIODE
Features
!
Diffused Junction
!
Low Leakage
!
Low Cost
!
High Surge Current Capability
!
Typical IR less than 20µA
C
Mechanical Data
!
Case: All Copper Case and Components
D
Hermetically Sealed
!
Terminals: Contact Areas Readily Solderable
!
Polarity: Cathode to Case(Reverse Units Are
B
Available Upon Request and Are Designated
By An “R” Suffix, i.e. LD2502R or LD2504R)
!
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
A
!
Mounting Position: Any
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
LD2500 LD2501 LD2502 LD2503 LD2504 LD2505 LD2506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TA = 150°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
400
A
Forward Voltage
@IF = 50A
VFM
1.05
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
20
500
µA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance Junction to Case
(Note 2)
RJC
1.0
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
*Glass passivated forms are available upon request
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WT E
PO W E R SEM IC ONDUCTORS
10mm Lucas
Dim
Min
Max
A
10.13
10.18
B
8.89
9.4
C
1.27
1.35
D
29.84
All Dimensions in mm


Similar Part No. - LD2502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD2502 WTE-LD2502 Datasheet
29Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2502 WTE-LD2502 Datasheet
32Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2502G WTE-LD2502G Datasheet
40Kb / 2P
25A GLASS PASSIVATED LUCAS TYPE PRESS-FIT DIODE
October, 2018
More results

Similar Description - LD2502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD5000 WTE-LD5000 Datasheet
24Kb / 2P
50A 10mm LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_06 Datasheet
29Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520 Datasheet
29Kb / 2P
25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD2500 WTE-LD2500_14 Datasheet
32Kb / 2P
25A LUCAS TYPE PRESS-FIT DIODE
LD2520 WTE-LD2520_14 Datasheet
31Kb / 2P
25A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com