Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VT6Z1 Datasheet(PDF) 2 Page - Rohm

Part # VT6Z1
Description  Power management (dual transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VT6Z1 Datasheet(HTML) 2 Page - Rohm

  VT6Z1 Datasheet HTML 1Page - Rohm VT6Z1 Datasheet HTML 2Page - Rohm VT6Z1 Datasheet HTML 3Page - Rohm VT6Z1 Datasheet HTML 4Page - Rohm VT6Z1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Data Sheet
VT6Z1
Electrical characteristics (Ta=25
°C)
<Tr1> (PNP)
Parameter
Output capacitance
Transition frequency
Collector-emitter saturation voltage
Emitter cut-off current
Collector cut-off current
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-base breakdown voltage
DC current gain
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCEO
BVCBO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
−20
−20
−5
−
−
−
−
−
−
−
−
−
−
350
−0.12
3
−
−
−
−0.1
−0.1
−0.30
−
−
V
V
V
µA
µA
V
MHz
pF
IC
= −50µA
IC
= −1mA
IE
= −50µA
VCB
=−20V
VEB
=−5V
IC
=−100mA, IB=−10mA
hFE
120
−
560
−
VCE
=−10V, IE=10mA, f=100MHz
VCE
=−2V, IC=−1mA
VCB
=−10V, IE=0A, f=1MHz
<Tr2> (NPN)
Output capacitance
Transition frequency
Collector-emitter saturation voltage
Emitter cut-off current
Collector cut-off current
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-base breakdown voltage
DC current gain
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCEO
BVCBO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
20
20
5
−
−
−
−
−
−
−
−
−
−
400
0.12
2
−
−
−
0.1
0.1
0.30
−
−
V
V
V
µA
µA
V
MHz
pF
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=20V
VEB
=5V
IC
=100mA, IB=10mA
hFE
120
−
560
−
VCE
=10V, IE=−10mA, f=100MHz
VCE
=2V, IC=1mA
VCB
=10V, IE=0A, f=1MHz
Parameter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com