Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GF16 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # GF16
Description  16mm Diameter, Single-Turn, Cermet Industrial Panel Controls
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF16 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  GF16 Datasheet HTML 1Page - TOCOSAMERICA, INC. GF16 Datasheet HTML 2Page - TOCOSAMERICA, INC. GF16 Datasheet HTML 3Page - TOCOSAMERICA, INC. GF16 Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
74
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 100
Ω to 1MΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
20% standard
( 10% special order )
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear
Peak Noise (C.R.V.) . . . . . . . 3% or 5
Ω, whichever is greater
Power Rating . . . . . . . . 0.5 watt at
70 C, 0 watt at
120 C
Maximum Input Voltage . . . . . . . . 400VDC or power rating,
whichever is smaller
Temperature Coefficient . . .
100 ppm / C, 200
Ω to 500kΩ
250 ppm / C, other values
Insulation Resistance . . . . . . 500M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 260
10
Shaft Torque . . . . . . 20 to 200 gf cm (0.277 to 2.773 oz in)
Stop Strength . . . . . . . . . . . . . 3 kgf cm (41.59 oz in) max.
Mounting Nut Torque . . . . . .10.2 kgf cm (141.4 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds
Marking . . . . . . . . . . . . . . . . . Model type, taper, resistance,
shaft type, terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
55 Cto
125 C
High Temperature Exposure . . . . . . . . .
120 C, 250 hours
∆T/R ) 4%
Load Life . . . . . . . . . . . .
70 C, 1,000 hours with rated load
∆T/R ) 5%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
55 C~ 120 C,
5 cycles without load
∆T/R ) 3%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
3 directions, 2 hours each
∆T/R ) 2%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 1%
Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock
models only) without load
∆T/R ) 4%
∆T/R = Total Resistance Change
GF16 Series
16mm Diameter, Single-Turn, Cermet Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
16mm diameter, single-turn industrial panel controls
Cermet film element
Single unit, single shaft
Excellent environmental characteristics
Wide temperature range of
55 C to
125 C
Metal shaft and bushing
Linear taper
Shaft lock available
Panel and PCB mounting styles
Lug or right angle mount pin terminals
3.2mm diameter shafts in slot, flat or round end styles
Standard 10mm or 15mm shaft length
GFP16
GF16


Similar Part No. - GF16

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GF16 SCHNEIDER-GF16 Datasheet
109Kb / 2P
TeSys GF - impulse relay - 16 A - 1 NO 1 NC - 24 V AC 50/60 Hz coil
Mar 6, 2020
logo
CUI Devices
GF1602 CUID-GF1602 Datasheet
1,007Kb / 3P
SPEAKER
08/05/2022
GF1603 CUID-GF1603 Datasheet
804Kb / 3P
SPEAKER
08/05/2022
GF1603B CUID-GF1603B Datasheet
1Mb / 3P
SPEAKER
08/05/2022
logo
Shenzhen Luguang Electr...
GF1610C LUGUANG-GF1610C Datasheet
178Kb / 2P
Super Fast Rectifiers
More results

Similar Description - GF16

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
GF281 TOCOS-GF281 Datasheet
636Kb / 3P
28mm Diameter, Single-Turn, Cermet Industrial Panel Controls
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA16 TOCOS-RA16 Datasheet
525Kb / 4P
16mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com