Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RKBPC2500W Datasheet(PDF) 3 Page - Won-Top Electronics

Part # RKBPC2500W
Description  10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RKBPC2500W Datasheet(HTML) 3 Page - Won-Top Electronics

  RKBPC2500W Datasheet HTML 1Page - Won-Top Electronics RKBPC2500W Datasheet HTML 2Page - Won-Top Electronics RKBPC2500W Datasheet HTML 3Page - Won-Top Electronics RKBPC2500W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.01
0.1
1.0
10
100
0
0.4
0.8
1.0
1.6 1.8
0.6
0.2
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (per element)
F
T = 25°C
j
Pulse Width = 300µs
0
100
200
300
400
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Single Half-Sine Wave
(JEDEC Method)
T = 150°C
j
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance (per element)
R
f=1Mhz
T = 25°C
j
0.01
0.1
1.0
10
100
40
20
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics (per element)
T = 125°C
j
T = 25°C
j
0
10
20
0
25
50
75
100
125
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward. Current Derating Curve
C
Resistive or
Inductive load
Mounted on a
220x220x50mm
AL plate heatsink
30
40
RKBPC15
RKBPC25
RKBPC35
RKBPC35
RKBPC35
RKBPC10, 15
RKBPC25
RKBPC15, 25
RKBPC10
RKBPC10
RKBPC10, 15, 25, 35/W SERIES
3 of 4
© 2002 Won-Top Electronics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com