Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VG026CHB102 Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # VG026CHB102
Description  Specifications for Surface Mount Single-Turn Trimmers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

VG026CHB102 Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  VG026CHB102 Datasheet HTML 1Page - TOCOSAMERICA, INC. VG026CHB102 Datasheet HTML 2Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
Trimmer Selection Guide
TOCOS®
POTENTIOMETERS
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Open Frame Models
Dimensions for Surface Mount Single-Turn Trimmers
Part Numbering System for Surface Mount VG026 and VG039N
VG
026
CH
B
102
XT
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10
Ω;101 =100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω).
Resistance Taper: B = Linear.
Packaging: XT = Tape; Blank = Bulk.
Design Type: Surface Mount Chip.
Size: 026 = 2mm; 039N = 3mm (See Dimensions).
TOCOS Series: VG = Cermet.
VG026
2mm Surface Mount, Cross-Slot, Single-Turn
VG039N
3mm Surface Mount, Cross-Slot, Single-Turn
Recommended
Land Pattern
Recommended
Land Pattern
Unit: mm
Solder Pads
Solder Pads
0.7
1.9
1.0
Resin Sealed
0.8
0.1
0.3t
0.45
1.3
2.2
Resin Sealed
Ø3.6 Wiper Rotating Area
3
2.1
0.65
1.5
2.7
0.8
0.75
1.2
Packaging
8mm Embossed Tape; 2,500 Pieces Per Ø180 mm Reel
Packaging
8mm Embossed Tape; 3,000 Pieces Per Ø180 mm Reel
1.0
0.7
1.9
0.8
1.2
1.2
1.6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com