Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1B Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # S1B
Description  Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

S1B Datasheet(HTML) 2 Page - Silicon Standard Corp.

  S1B Datasheet HTML 1Page - Silicon Standard Corp. S1B Datasheet HTML 2Page - Silicon Standard Corp. S1B Datasheet HTML 3Page - Silicon Standard Corp. S1B Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1A – S1M
01/01/2007 Rev. 2.00
www.SiliconStandard.com
2
MAXIMUM RATINGS (TA=25℃ unless otherwise specified)
Parameter
Symbols
S1A
S1B
S1D
S1G
S1J
S1K
S1M
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
(see fig.1)
IF(AV)
1.0
Amp
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated
load(JEDEC Method) TL =110℃
IFSM
40.0
30.0
Amps
Maximum instantaneous forward voltage at
1.0A
VF
1.10
Volts
1.0
5.0
Maximum DC reverse current
@TA =25℃
at rated DC blocking voltage
@TA=125℃
IR
50
uA
Typical reverse recovery time at
IF =0.5A, IR=1.0A, Irr =0.25A
trr
1.0
uS
Typical junction capacitance at 4.0V, 1MHz
CJ
12
pF
R
75
85
Typical thermal resistance (NOTE 1)
RJL
27
30
℃/W
Operating junction temperature range
TJ
-55 to +150
℃
Storage temperature range
TSTG
-55 to +150
℃
NOTE:
1.
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with
0.2 x 0.2" (5.0 x 5.0mm) copper pad areas



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com