Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6525-1CSTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6525-1CSTR
Description  USB High-Side Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6525-1CSTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6525-1CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6525-1CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6525-1CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6525-1CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6525-1CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6525-1CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6525-1CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6525-1CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6525-1CSTR Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.SiliconStandard.com
2 of 9
SS6525

!"
ORDERING INFORMATION
*:08;*
3<*=3"
1<,1
*:808;*
0<*"/*
<"","0
03"*"3;
< +" 
'< +
SS6525
>>>>
*008,30








 







6#%< SS6525-0CSTR
$
  +" $! 7*#-#=
#=3%*#-&
0! #+#%#.%3#- &


!"
ABSOLUTE MAXIMUM RATINGS

 %& % # 

# % %# % # 
# % %# $$  
 $ %  ?@'

$# $# $3# 2°@7°
 $#$# $3# A°@'°

!"
TEST CIRCUIT





Ω

µ





6




 










Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com