Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS6630-ACSTB Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6630-ACSTB
Description  Step-Up DC/DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6630-ACSTB Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6630-ACSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6630-ACSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6630-ACSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6630-ACSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6630-ACSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6630-ACSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6630-ACSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6630-ACSTB Datasheet HTML 8Page - Silicon Standard Corp. SS6630-ACSTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.SiliconStandard.com
3 of 13
SS6630/6630A


!"
ORDERING INFORMATION





"














"









"*2=>"?
@"?1??-
.@A.?
"*=?>"?
2@"-/"
@%-- A-2?
A"A -=?
/?4A-@ !
@ !
<@ <!
@ /BA.-?
SS6630-XCXXX
?C@ SS6630-3CSTR
$
 ! $7$ 9"(3 1 1
 "(3$'
  
 

  !
 

  ! "#$%&'()%*+

!"
ABSOLUTE MAXIMUM RATINGS
'  DDDDDDDDD!!DDDDDDDDDDD!DDDDDDDDD&!
/   $  "$ DDDDDDDDD!!DDDDDDDDDD!&!
$ 0  $ DDDDDDDDDD!DDDDDDDDDD)°E9°
  0  $  DDDDDDDDDDD!DDDDDDDD  <°E<°


!"
TEST CIRCUIT
 6 '(($(!
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com