Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFD2N60S Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFD2N60S
Description  600V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD2N60S Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFD2N60S Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD2N60S Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD2N60S Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD2N60S Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD2N60S Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD2N60S Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD2N60S Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD2N60S Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
◎ SEMIHOW REV.A0,Nov 2007
V
DS, Drain-Source Voltage [V]
V
SD, Source-Drain Voltage [V]
V
GS, Gate-Source Voltage [V]
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
2
4
6
8
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
* Note : I
D = 2.0A
Q
G, Total Gate Charge [nC]
0
1
2
3
4
5
0
3
6
9
12
I
D, Drain Current[A]
V
GS = 10V
V
GS = 20V
* Note : T
J = 25
oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com