| Electronic Components Datasheet Search |
|
X24C01AS8 Datasheet(PDF) 3 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X24C01AS8 Datasheet(HTML) 3 Page - Xicor Inc. |
|
3 / 13 page ![]() X24C01A 3 Figure 1. Data Validity Figure 2. Definition of Start and Stop Stop Condition All communications must be terminated by a stop condi- tion, which is a LOW to HIGH transition of SDA when SCL is HIGH. The stop condition is also used by the X24C01A to place the device into the standby power mode after a read sequence. A stop condition can only be issued after the transmitting device has released the bus. Acknowledge Acknowledge is a software convention used to indicate successful data transfers. The transmitting device will release the bus after transmitting eight bits. During the ninth clock cycle the receiver will pull the SDA line LOW to acknowledge that it received the eight bits of data. Refer to Figure 3. The X24C01A will respond with an acknowledge after recognition of a start condition and its slave address. If both the device and a write operation have been se- lected, the X24C01A will respond with an acknowledge after the receipt of each subsequent eight bit word. In the read mode the X24C01A will transmit eight bits of data, release the SDA line and monitor the line for an acknowledge. If an acknowledge is detected and no stop condition is generated by the master, the X24C01A will continue to transmit data. If an acknowledge is not detected, the X24C01A will terminate further data trans- missions. The master must then issue a stop condition to return the X24C01A to the standby power mode and place the device into a known state. Figure 3. Acknowledge Response From Receiver SCL SDA DATA STABLE DATA CHANGE 3841 FHD F05 3841 FHD F06 3841 FHD F07 SCL FROM MASTER DATA OUTPUT FROM TRANSMITTER 1 89 DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE SCL SDA START BIT STOP BIT |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |